Electronic Components Datasheet Search
  English  ▼

X  

AD5686R Datasheet(PDF) 25 Page - Analog Devices

Part # AD5686R
Description  Quad, 16-/14-/12-Bit nanoDAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686R Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5686R Datasheet HTML 21Page - Analog Devices AD5686R Datasheet HTML 22Page - Analog Devices AD5686R Datasheet HTML 23Page - Analog Devices AD5686R Datasheet HTML 24Page - Analog Devices AD5686R Datasheet HTML 25Page - Analog Devices AD5686R Datasheet HTML 26Page - Analog Devices AD5686R Datasheet HTML 27Page - Analog Devices AD5686R Datasheet HTML 28Page - Analog Devices AD5686R Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
AD5686R/AD5685R/AD5684R
Rev. 0 | Page 25 of 32
LOAD DAC (HARDWARE LDAC PIN)
The AD5686R/AD5685R/AD5684R DACs have double
buffered interfaces consisting of two banks of registers:
input registers and DAC registers. The user can write to
any combination of the input registers. Updates to the DAC
register are controlled by the LDAC pin.
Figure 56. Simplified Diagram of Input Loading Circuitry for a Single DAC
Instantaneous DAC Updating (LDAC Held Low)
LDAC is held low while data is clocked into the input register
using Command 0001. Both the addressed input register and
the DAC register are updated on the rising edge of SYNC and
the output begins to change (see Table 13).
Deferred DAC Updating (LDAC is Pulsed Low)
LDAC is held high while data is clocked into the input register
using Command 0001. All DAC outputs are asynchronously
updated by taking LDAC low after SYNC has been taken high.
The update now occurs on the falling edge of LDAC.
LDAC MASK REGISTER
Command 0101 is reserved for this software LDAC function.
Address bits are ignored. Writing to the DAC, using Command
0101, loads the 4-bit LDAC register (DB3 to DB0). The default
for each channel is 0; that is, the LDAC pin works normally.
Setting the bits to 1 forces this DAC channel to ignore transitions
on the LDAC pin, regardless of the state of the hardware LDAC
pin. This flexibility is useful in applications where the user
wishes to select which channels respond to the LDAC pin.
Table 12. LDAC Overwrite Definition
Load LDAC Register
LDAC Bits
(DB3 to DB0)
LDAC Pin
LDAC Operation
0
1 or 0
Determined by the LDAC pin.
1
X1
DAC channels update and
override the LDAC pin. DAC
channels see LDAC as 1.
1 X = don’t care.
The LDAC register gives the user extra flexibility and control
over the hardware LDAC pin (see Table 12). Setting the LDAC
bits (DB0 to DB3) to 0 for a DAC channel means that this
channel’s update is controlled by the hardware LDAC pin.
Table 13. Write Commands and LDAC Pin Truth Table1
Commands
Description
Hardware LDAC
Pin State
Input Register
Contents
DAC Register Contents
0001
Write to Input Register n (dependent on LDAC)
VLOGIC
Data update
No change (no update)
GND2
Data update
Data update
0010
Update DAC Register n with contents of Input
Register n
VLOGIC
No change
Updated with input register
contents
GND
No change
Updated with input register
contents
0011
Write to and update DAC Channel n
VLOGIC
Data update
Data update
GND
Data update
Data update
1 A high to low hardware LDAC pin transition always updates the contents of the contents of the DAC register with the contents of the input register on channels that
are not masked (blocked) by the LDAC mask register.
2 When LDAC is permanently tied low, the LDAC mask bits are ignored.
SYNC
SCLK
VOUTX
DAC
REGISTER
INTERFACE
LOGIC
OUTPUT
AMPLIFIER
LDAC
SDO
SDIN
VREF
INPUT
REGISTER
16-/14-/12-BIT
DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com