Electronic Components Datasheet Search
  English  ▼

X  

AD586 Datasheet(PDF) 12 Page - Analog Devices

Part # AD586
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD586 Datasheet HTML 8Page - Analog Devices AD586 Datasheet HTML 9Page - Analog Devices AD586 Datasheet HTML 10Page - Analog Devices AD586 Datasheet HTML 11Page - Analog Devices AD586 Datasheet HTML 12Page - Analog Devices AD586 Datasheet HTML 13Page - Analog Devices AD586 Datasheet HTML 14Page - Analog Devices AD586 Datasheet HTML 15Page - Analog Devices AD586 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
AD5737
Data Sheet
Rev. B | Page 12 of 44
Pin No.
Mnemonic
Description
49
IGATEC
Optional Connection for External Pass Transistor. Leave this pin unconnected when using the dc-to-dc
converter. For more information, see the External PMOS Mode section.
50
NC
No Connect. Do not connect to this pin.
51
CHARTC
HART Input Connection for DAC Channel C. For more information, see the HART Connectivity section.
52
NC
No Connect. Do not connect to this pin.
53
AGND
Ground Reference Point for Analog Circuitry. This pin must be connected to 0 V.
54
IOUT_D
Current Output Pin for DAC Channel D.
55
NC
No Connect. Do not connect to this pin.
56
VBOOST_D
Supply for Channel D Current Output Stage (see Figure 48). To use the dc-to-dc converter, connect this pin
as shown in Figure 55.
57
COMPDCDC_D
DC-to-DC Compensation Capacitor. Connect a 10 nF capacitor from this pin to ground. Used to regulate the
feedback loop of the Channel D dc-to-dc converter. Alternatively, if using an external compensation resistor,
place a resistor in series with a capacitor to ground from this pin. For more information, see the DC-to-DC
Converter Compensation Capacitors section and the AICC Supply Requirements—Slewing section.
58
IGATED
Optional Connection for External Pass Transistor. Leave this pin unconnected when using the dc-to-dc
converter. For more information, see the External PMOS Mode section.
59
CHARTD
HART Input Connection for DAC Channel D. For more information, see the HART Connectivity section.
60
NC
No Connect. Do not connect to this pin.
61
REFIN
External Reference Voltage Input.
62
REFOUT
Internal Reference Voltage Output. It is recommended that a 0.1 µF capacitor be placed between REFOUT
and REFGND.
REFOUT must be connected to REFIN to use the internal reference.
63
RSET_D
An external, precision, low drift, 15 kΩ current setting resistor can be connected to this pin to improve the
IOUT_D temperature drift performance. For more information, see the External Current Setting Resistor section.
64
RSET_C
An external, precision, low drift, 15 kΩ current setting resistor can be connected to this pin to improve the
IOUT_C temperature drift performance. For more information, see the External Current Setting Resistor section.
EPAD
Exposed Pad. The exposed paddle should be connected to AGND, or, alternatively, it can be left electrically
unconnected. It is recommended that the paddle be thermally connected to a copper plane for enhanced
thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com