Electronic Components Datasheet Search
  English  ▼

X  

AD586 Datasheet(PDF) 18 Page - Analog Devices

Part # AD586
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD586 Datasheet HTML 14Page - Analog Devices AD586 Datasheet HTML 15Page - Analog Devices AD586 Datasheet HTML 16Page - Analog Devices AD586 Datasheet HTML 17Page - Analog Devices AD586 Datasheet HTML 18Page - Analog Devices AD586 Datasheet HTML 19Page - Analog Devices AD586 Datasheet HTML 20Page - Analog Devices AD586 Datasheet HTML 21Page - Analog Devices AD586 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
AD5737
Data Sheet
Rev. B | Page 18 of 44
REFERENCE
16
14
12
10
8
6
4
2
0
–2
0
0.2
0.4
0.6
0.8
1.0
1.2
TIME (ms)
AVDD
REFOUT
TA = 25°C
Figure 37. REFOUT Voltage Turn-On Transient
4
3
2
1
0
–1
–2
–3
0
2
4
6
8
10
TIME (s)
AVDD = 15V
TA = 25°C
Figure 38. REFOUT Output Noise (0.1 Hz to 10 Hz Bandwidth)
150
100
50
0
–50
–100
–150
0
5
10
15
20
TIME (ms)
AVDD = 15V
TA = 25°C
Figure 39. REFOUT Output Noise (100 kHz Bandwidth)
5.0000
5.0005
5.0010
5.0015
5.0020
5.0025
5.0030
5.0035
5.0040
5.0045
5.0050
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
30 DEVICES SHOWN
AVDD = 15V
Figure 40. REFOUT Voltage vs. Temperature (When the AD5737 is soldered
onto a PCB, the reference shifts due to thermal shock on the package. The
average output voltage shift is −4 mV. Measurement of these parts after seven
days shows that the outputs typically shift back 2 mV toward their initial values.
This second shift is due to the relaxation of stress incurred during soldering.)
5.002
5.001
5.000
4.999
4.998
4.997
4.996
4.995
0
2
4
6
8
10
LOAD CURRENT (mA)
AVDD = 15V
TA = 25°C
Figure 41. REFOUT Voltage vs. Load Current
5.00000
4.99995
4.99990
4.99980
4.99985
4.99975
4.99970
4.99965
4.99960
10
15
20
25
30
AVDD (V)
TA = 25°C
Figure 42. REFOUT Voltage vs. AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com