Electronic Components Datasheet Search
  English  ▼

X  

AD586 Datasheet(PDF) 30 Page - Analog Devices

Part # AD586
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD586 Datasheet HTML 26Page - Analog Devices AD586 Datasheet HTML 27Page - Analog Devices AD586 Datasheet HTML 28Page - Analog Devices AD586 Datasheet HTML 29Page - Analog Devices AD586 Datasheet HTML 30Page - Analog Devices AD586 Datasheet HTML 31Page - Analog Devices AD586 Datasheet HTML 32Page - Analog Devices AD586 Datasheet HTML 33Page - Analog Devices AD586 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
AD5737
Data Sheet
Rev. B | Page 30 of 44
Slew Rate Control Register
This register is used to program the slew rate control for the
selected DAC channel. The slew rate control is enabled/disabled
and programmed on a per-channel basis. See Table 28 and the
Digital Slew Rate Control section for more information.
READBACK OPERATION
Readback mode is invoked by setting the R/W bit = 1 in the serial
input register write. See Table 29 for the bits associated with a read-
back operation. The DUT_AD1 and DUT_AD0 bits, in association
with Bits[RD4:RD0], select the register to be read (see Table 30).
The remaining data bits in the write sequence are don’t care bits.
During the next SPI transfer, the data that appears on the SDO
output contains the data from the previously addressed register
(see Figure 4). This second SPI transfer should be either a request
to read another register on a third data transfer or a no operation
command. The no operation command for DUT Address 00 is
0x1CE000; for other DUT addresses, Bits[D22:D21] are set
accordingly.
Readback Example
To read back the gain register of AD5737 Device 1, Channel A,
implement the following sequence:
1. Write 0xA80000 to the input register to configure Device
Address 1 for read mode with the gain register of Channel A
selected. The data bits, D15 to D0, are don’t care bits.
2. Execute another read command or a no operation com-
mand (0x3CE000). During this command, the data from
the Channel A gain register is clocked out on the SDO line.
Table 28. Programming the Slew Rate Control Register
D15
D14
D13
D12
D11 to D7
D6 to D3
D2 to D0
0
0
0
SREN
X1
SR_CLOCK
SR_STEP
1
X = don’t care.
Table 29. Input Shift Register for a Read Operation
MSB
LSB
D23
D22
D21
D20
D19
D18
D17
D16
D15 to D0
R/W
DUT_AD1
DUT_AD0
RD4
RD3
RD2
RD1
RD0
X1
1
X = don’t care.
Table 30. Read Addresses (Bits[RD4:RD0])
RD4
RD3
RD2
RD1
RD0
Function
0
0
0
0
0
Read DAC A data register
0
0
0
0
1
Read DAC B data register
0
0
0
1
0
Read DAC C data register
0
0
0
1
1
Read DAC D data register
0
0
1
0
0
Read DAC A control register
0
0
1
0
1
Read DAC B control register
0
0
1
1
0
Read DAC C control register
0
0
1
1
1
Read DAC D control register
0
1
0
0
0
Read DAC A gain register
0
1
0
0
1
Read DAC B gain register
0
1
0
1
0
Read DAC C gain register
0
1
0
1
1
Read DAC D gain register
0
1
1
0
0
Read DAC A offset register
0
1
1
0
1
Read DAC B offset register
0
1
1
1
0
Read DAC C offset register
0
1
1
1
1
Read DAC D offset register
1
0
0
0
0
Read DAC A clear code register
1
0
0
0
1
Read DAC B clear code register
1
0
0
1
0
Read DAC C clear code register
1
0
0
1
1
Read DAC D clear code register
1
0
1
0
0
Read DAC A slew rate control register
1
0
1
0
1
Read DAC B slew rate control register
1
0
1
1
0
Read DAC C slew rate control register
1
0
1
1
1
Read DAC D slew rate control register
1
1
0
0
0
Read status register
1
1
0
0
1
Read main control register
1
1
0
1
0
Read dc-to-dc control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com