Electronic Components Datasheet Search
  English  ▼

X  

ADF4151 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4151
Description  Fractional-N/Integer-N PLL Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4151 Datasheet(HTML) 4 Page - Analog Devices

  ADF4151 Datasheet HTML 1Page - Analog Devices ADF4151 Datasheet HTML 2Page - Analog Devices ADF4151 Datasheet HTML 3Page - Analog Devices ADF4151 Datasheet HTML 4Page - Analog Devices ADF4151 Datasheet HTML 5Page - Analog Devices ADF4151 Datasheet HTML 6Page - Analog Devices ADF4151 Datasheet HTML 7Page - Analog Devices ADF4151 Datasheet HTML 8Page - Analog Devices ADF4151 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADF4151
Data Sheet
Rev. B | Page 4 of 28
Parameter
B Version
Unit
Conditions/Comments
Min
Typ
Max
NOISE CHARACTERISTICS
Normalized In-Band Phase Noise
Floor (PNSYNTH)3
−221
dBc/Hz
PLL loop BW = 500 kHz (ABP = 3 ns)
Normalized 1/f Noise (PN1_f)4
−118
dBc/Hz
10 kHz offset. Normalized to 1 GHz (ABP = 3 ns)
Normalized In-Band Phase Noise
Floor (PNSYNTH)3
−220
dBc/Hz
PLL loop BW = 500 kHz (ABP = 6 ns);
low noise mode
Normalized 1/f Noise (PN1_f)4
−115
dBc/Hz
10 kHz offset; normalized to 1 GHz (ABP = 6 ns);
low noise mode
Spurious Signals Due to PFD
Frequency5
−107
dBc
PFD = 25 MHz
1
AC coupling ensures AVDD/2 bias.
2
TA = 25°C; AVDD = DVDD = 3.6 V; prescaler = 4/5; fREFIN = 130 MHz; fPFD = 26 MHz; fRF = 1.742 GHz.
3
The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20 log N (where N is the N divider
value) and 10 log FPFD. PNSYNTH = PNTOT – 10 log fPFD – 20 log N
4
The PLL phase noise is composed of 1/f (flicker) noise plus the normalized PLL noise floor. The formula for calculating the 1/f noise contribution at an RF frequency (fRF)
and at a frequency offset (f) is given by PN = P1_f + 10 log(10 kHz/f) + 20 log(fRF/1 GHz). Both the normalized phase noise floor and flicker noise are modeled in ADIsimPLL
5
Spurious measured on EVAL-ADF4151EB1Z with RF buffer between VCO output and RF input by-passed, using a Rohde & Schwarz FSUP signal source analyzer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com