Electronic Components Datasheet Search
  English  ▼

X  

ADF4151 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4151
Description  Fractional-N/Integer-N PLL Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4151 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4151 Datasheet HTML 6Page - Analog Devices ADF4151 Datasheet HTML 7Page - Analog Devices ADF4151 Datasheet HTML 8Page - Analog Devices ADF4151 Datasheet HTML 9Page - Analog Devices ADF4151 Datasheet HTML 10Page - Analog Devices ADF4151 Datasheet HTML 11Page - Analog Devices ADF4151 Datasheet HTML 12Page - Analog Devices ADF4151 Datasheet HTML 13Page - Analog Devices ADF4151 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADF4151
Data Sheet
Rev. B | Page 10 of 28
–60
–80
–100
–120
–140
–160
–180
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 8. Integer-N Phase Noise and Spur Performance;
Low Noise Mode; VCOOUT = 1750 MHz, REFIN = 100 MHz,
PFD = 25 MHz, Loop Filter Bandwidth = 50 kHz
–60
–80
–100
–120
–140
–160
–180
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 9. Fractional-N Phase Noise and Spur Performance; Low Noise Mode;
VCOOUT = 1755.2 MHz, REFIN = 100 MHz, PFD = 25 MHz, Loop Filter
Bandwidth = 50 kHz, Channel Spacing = 200 kHz, FRAC = 26, MOD = 125
–60
–80
–100
–120
–140
–160
–180
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 10. Fractional-N Phase Noise and Spur Performance; Low Spur Mode;
VCOOUT = 1755.2 MHz, REFIN = 100 MHz, PFD = 25 MHz, Loop Filter
Bandwidth = 50 kHz, Channel Spacing = 200 kHz, FRAC = 26, MOD = 125
–60
–80
–100
–120
–140
–160
–180
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 11. Integer-N Phase Noise and Spur Performance;
Low Noise Mode; VCOOUT = 900 MHz, REFIN = 100 MHz,
PFD = 25 MHz, Loop Filter Bandwidth = 20 kHz
–60
–80
–100
–120
–140
–160
–180
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 12. Fractional-N Phase Noise and Spur Performance; Low Noise Mode;
VCOOUT = 905.2 MHz, REFIN = 100 MHz, PFD = 25 MHz, Loop Filter
Bandwidth= 20 kHz, Channel Spacing = 200 kHz, FRAC = 26, MOD = 125
–60
–80
–100
–120
–140
–160
–180
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 13. Fractional-N Phase Noise and Spur Performance; Low Spur Mode;
VCOOUT = 905.2 MHz, REFIN = 100 MHz, PFD = 25 MHz, Loop Filter Bandwidth
= 20 kHz, Channel Spacing = 200 kHz, FRAC = 26, MOD = 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com