Electronic Components Datasheet Search
  English  ▼

X  

ADF4151 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4151
Description  Fractional-N/Integer-N PLL Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4151 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4151 Datasheet HTML 3Page - Analog Devices ADF4151 Datasheet HTML 4Page - Analog Devices ADF4151 Datasheet HTML 5Page - Analog Devices ADF4151 Datasheet HTML 6Page - Analog Devices ADF4151 Datasheet HTML 7Page - Analog Devices ADF4151 Datasheet HTML 8Page - Analog Devices ADF4151 Datasheet HTML 9Page - Analog Devices ADF4151 Datasheet HTML 10Page - Analog Devices ADF4151 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
ADF4151
Rev. B | Page 7 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
CLK
2
DATA
3
LE
4
CE
5
SW
6
7
24
23
NC
22
21
20
19
18
17
8
ADF4151
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
VP
CPOUT
CPGND
RSET
NC
NC
AGND
AGND
NC
AVDD2
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE LFCSP HAS AN EXPOSED PADDLE THAT MUST
BE CONNECTED TO GND.
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CLK
Serial Clock Input. Data is clocked into the 32-bit shift register on the CLK rising edge. This input is a high
impedance CMOS input.
2
DATA
Serial Data Input. The serial data is loaded, MSB first, with the three LSBs as the control bits. This input is a high
impedance CMOS input.
3
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift register is loaded into the register
that is selected by the three LSBs.
4
CE
Chip Enable. A logic low on this pin powers down the device and puts the charge pump into three-state
mode. Taking the pin high powers up the device depending on the status of the power-down bits.
5
SW
Fast Lock Switch. Make a connection to this pin from the loop filter when using the fast lock mode.
6
VP
Charge Pump Power Supply. This pin should be greater than or equal to AVDD. In systems where AVDDx is 3 V, it
can be set to 5.5 V and used to drive a VCO with a tuning range of up to 5.5 V.
7
CPOUT
Charge Pump Output. When enabled, this provides ±ICP to the external loop filter. The output of the loop filter
is connected to VTUNE to drive the external VCO.
8
CPGND
Charge Pump Ground. This is the ground return pin for CPOUT.
9, 11, 18,
21
AGND
Analog Ground. This is a ground return pin for AVDD1 and AVDD2.
10
AVDD1
Analog Power Supply. This pin ranges from 3.0 V to 3.6 V. Decoupling capacitors to the analog ground plane
are to be placed as close as possible to this pin. AVDD must have the same value as DVDD.
12, 13, 19,
20, 23, 24
NC
No connect. Do not connect to this pin.
14
RFIN+
Input to the RF Input. This small signal input is ac-coupled to the external VCO.
15
RFIN−
Complementary Input to the RF Input. This pin must be decoupled to the ground plane with a small bypass
capacitor, typically 100 pF.
16, 17
AVDD2
Analog Power Supply. This pin ranges from 3.0 V to 3.6 V. Decoupling capacitors to the analog ground plane
are to be placed as close as possible to this pin. AVDDx must have the same value as DVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com