Electronic Components Datasheet Search
  English  ▼

X  

ES51981 Datasheet(PDF) 6 Page - Cyrustek corporation

Part # ES51981
Description  3 1/2 AUTO DMM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51981 Datasheet(HTML) 6 Page - Cyrustek corporation

Back Button ES51981 Datasheet HTML 2Page - Cyrustek corporation ES51981 Datasheet HTML 3Page - Cyrustek corporation ES51981 Datasheet HTML 4Page - Cyrustek corporation ES51981 Datasheet HTML 5Page - Cyrustek corporation ES51981 Datasheet HTML 6Page - Cyrustek corporation ES51981 Datasheet HTML 7Page - Cyrustek corporation ES51981 Datasheet HTML 8Page - Cyrustek corporation ES51981 Datasheet HTML 9Page - Cyrustek corporation ES51981 Datasheet HTML 10Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
11/01/05
6
ES51981
3 1/2 AUTO DMM
Note
:
1.Full Scale
Function Description
1.Operating Modes
1.1 Voltage Measurement
A reconfigurable voltage divider automatically provides a suitable range in voltage
measurement mode. The following table summarizes the full scale ranges in each
configuration.
Configuration
Full Scale Range
Divider Ratio
Resister Connection
VR1
200.0mV
1
-
VR2
2.000V
1/10
R2 / (R1+R2)
VR3
20.00V
1/100
R3 / (R1+R3)
VR3
200.0V
1/1000
R4 / (R1+R4)
VR5
2000V
1/10000
R5 / (R1+R5)
1. 200.0mV range only exists in manual mode.
2. In the 2000V range, if the digit numbers is larger than 1000V, LCD will display
“OL”.
The measurement of true RMS using ES636
If ES636 (or other true RMS-to-DC converter chip) is used for true RMS measurement,
the suggested application circuit is shown below. When ES636 is used for true RMS,
ADO and ADI pin short together, TEST5 pin keeps floating, and ACVL pin connects to
SGND. And the OVSG pin shorts to AGND through a switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com