Electronic Components Datasheet Search
  English  ▼

X  

ES51981 Datasheet(PDF) 1 Page - Cyrustek corporation

Part # ES51981
Description  3 1/2 AUTO DMM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51981 Datasheet(HTML) 1 Page - Cyrustek corporation

  ES51981 Datasheet HTML 1Page - Cyrustek corporation ES51981 Datasheet HTML 2Page - Cyrustek corporation ES51981 Datasheet HTML 3Page - Cyrustek corporation ES51981 Datasheet HTML 4Page - Cyrustek corporation ES51981 Datasheet HTML 5Page - Cyrustek corporation ES51981 Datasheet HTML 6Page - Cyrustek corporation ES51981 Datasheet HTML 7Page - Cyrustek corporation ES51981 Datasheet HTML 8Page - Cyrustek corporation ES51981 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
11/01/05
1
ES51981
3 1/2 AUTO DMM
Features
•
2000 count display
•
Full automatic measurement
*Voltage measurement
*Current measurement
*Resistor measurement
•
Range change function
•
Data hold function
•
Diode measurement
•
ADP mode with external reference
voltage
•
Serial data output (RS232 format)
•
Auto power off (10 mins) and re-power
on
•
Low battery detect (3V and 9V)
•
3V DC power supply
•
Back light function
Description
ES51981 is an integrated analog-to-digital
Converter(ADC) with 2000 counts LCD
display ,automatic range selection, and 3V
DC power supply. Automatic range
selection is provided for voltage(AC/DC)
measurement, resistor measurement and
current measurement. Expensive and
bulky mechanical range switches are not
required. Other features include data
holding, diode measurement, temperature
measurement, continuity checking, low
battery detection, auto- power off,
re-power on, and RS232 data output.
Application
Digital Multimeter


Similar Part No. - ES51981

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51981 CYRUSTEK-ES51981 Datasheet
355Kb / 21P
3 1/2 AUTO DMM
More results

Similar Description - ES51981

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
3 3/4 Auto DMM
ES51981 CYRUSTEK-ES51981 Datasheet
355Kb / 21P
3 1/2 AUTO DMM
ES51982 CYRUSTEK-ES51982 Datasheet
396Kb / 21P
3 1/2 CAP AUTO DMM
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
3 3/4 AUTO DMM
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
3 3/4 CAP AUTO DMM
ES51989 CYRUSTEK-ES51989 Datasheet
1Mb / 22P
3 3/4 PEAK AUTO DMM
ES51982 CYRUSTEK-ES51982_11 Datasheet
625Kb / 21P
3 1/2 CAP AUTO DMM
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
3 3/4 AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com