Electronic Components Datasheet Search
  English  ▼

X  

ES51981 Datasheet(PDF) 19 Page - Cyrustek corporation

Part # ES51981
Description  3 1/2 AUTO DMM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51981 Datasheet(HTML) 19 Page - Cyrustek corporation

Back Button ES51981 Datasheet HTML 13Page - Cyrustek corporation ES51981 Datasheet HTML 14Page - Cyrustek corporation ES51981 Datasheet HTML 15Page - Cyrustek corporation ES51981 Datasheet HTML 16Page - Cyrustek corporation ES51981 Datasheet HTML 17Page - Cyrustek corporation ES51981 Datasheet HTML 18Page - Cyrustek corporation ES51981 Datasheet HTML 19Page - Cyrustek corporation ES51981 Datasheet HTML 20Page - Cyrustek corporation ES51981 Datasheet HTML 21Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
11/01/05
19
ES51981
3 1/2 AUTO DMM
6.Test circuit
100
1.5K
PTC
Z1
6V
OVH
2.Resistor test
OVSG
OR1
VR5
VR4
VR3
VR2
100
1K
10K
101K
1.11M
OVX
SGND
AGND
Z2
6. Low battery
680K
270K
BA
TT
LBAT9
V-
AGND
0.1u
0V
9V
D1
15K
OVSG
OR1
VR5
VR4
VR3
VR2
V
R
1
100
1K
10K
101K
10M
ADO
ADI
ACVL
ACVH
V
R
88M
D2
0.1u
0.47u
10K
5K
15K
1.0u
1.0u
1.11M
-100mV
TEST5
Voltage input
AGND
1. Voltage test
4.Current test
100K
100K
450
45
4.5
0.45
0.005
mA
mA
uA
uA
uA
mA
IVSL
IVSH
AGND
A
SGND
0.045
20A
2A
-100mV
ADP
100K
VA-
VA+
5.ADP test
SGND
AGND
ADPin+
ADPin-
100
1.5K
PTC
Z1
6V
OVSG
10M
1.11M
OVH
VR1
VR2
3
.Diode test
AGND
Z2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com