Electronic Components Datasheet Search
  English  ▼

X  

ES51981 Datasheet(PDF) 18 Page - Cyrustek corporation

Part # ES51981
Description  3 1/2 AUTO DMM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51981 Datasheet(HTML) 18 Page - Cyrustek corporation

Back Button ES51981 Datasheet HTML 13Page - Cyrustek corporation ES51981 Datasheet HTML 14Page - Cyrustek corporation ES51981 Datasheet HTML 15Page - Cyrustek corporation ES51981 Datasheet HTML 16Page - Cyrustek corporation ES51981 Datasheet HTML 17Page - Cyrustek corporation ES51981 Datasheet HTML 18Page - Cyrustek corporation ES51981 Datasheet HTML 19Page - Cyrustek corporation ES51981 Datasheet HTML 20Page - Cyrustek corporation ES51981 Datasheet HTML 21Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
11/01/05
18
ES51981
3 1/2 AUTO DMM
5.4 Operating Timing
ES51981 incorporates a dual slope ADC with four phases: ZI, AZ, INT and DINT.
The timing of each phase is listed below.
*Voltage /ohm/ADP measurement:
Phase
Time
ZI
100ms
AZ
100ms
INT
100ms
DINT
200ms
Ps. In the voltage and ohm measurement with auto mode, if the range is changed,
the internal clock rate will increase ten times and the new measurement cycle
becomes 1/10 times of the original cycle until the range is stable.
*Current mode
Phase
Time
ZI
100ms
AZ
100ms
INT
100ms
DINT
100ms
*Continuity/diode measurement
Phase
Time
ZI
10ms
AZ
10ms
INT
10ms
DINT
20ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com