Electronic Components Datasheet Search
  English  ▼

X  

ES51981 Datasheet(PDF) 12 Page - Cyrustek corporation

Part # ES51981
Description  3 1/2 AUTO DMM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51981 Datasheet(HTML) 12 Page - Cyrustek corporation

Back Button ES51981 Datasheet HTML 8Page - Cyrustek corporation ES51981 Datasheet HTML 9Page - Cyrustek corporation ES51981 Datasheet HTML 10Page - Cyrustek corporation ES51981 Datasheet HTML 11Page - Cyrustek corporation ES51981 Datasheet HTML 12Page - Cyrustek corporation ES51981 Datasheet HTML 13Page - Cyrustek corporation ES51981 Datasheet HTML 14Page - Cyrustek corporation ES51981 Datasheet HTML 15Page - Cyrustek corporation ES51981 Datasheet HTML 16Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
11/01/05
12
ES51981
3 1/2 AUTO DMM
single package
0
p 1
P
0V
-3V
LSB
MSB
D0 ~D6
One data block consists of 11 packets, or 110 bits. The following figure shows the
format of a data block. The range packet indicates the full scale range of the meter.
Digit 3 through digit 0 are just the digits on the LCD panel. The function packet
indicates the measurement mode of the meter. Status, option 1 and option 2 give the
status of the meter. CR and LF are delimiters used to separate the blocks.
All package
0
p 1
status
digit2
digit3
function
range
option1
CR
LF
digit0
digit1
0
p 1 0
p 1
0
p 1 0
p 1 0
p 1
0
p 1 0
p 1 0
p 1
0
p 1 0
p 1
option2
The meter always outputs the current input value to the serial port in spite of HOLD
mode. Each block is repeated twice in one conversion cycle. The detailed data format of
each packet is listed below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com