Electronic Components Datasheet Search
  English  ▼

X  

DM8603 Datasheet(PDF) 73 Page - Davicom Semiconductor, Inc.

Part # DM8603
Description  10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM8603 Datasheet(HTML) 73 Page - Davicom Semiconductor, Inc.

Back Button DM8603 Datasheet HTML 69Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 70Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 71Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 72Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 73Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 74Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 75Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 76Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 77Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 107 page
background image
DM8603
10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
Preliminary datasheet
73
DM8603-12-DS-P01
November 8, 2010
9.2.10 Broadcast Storm Filtering
The DM8603 has an option to limit the traffic of broadcast or multicast packets, to protect the switch from
lower bandwidth availability.
There are two types of broadcast storm control, one is throttling broadcast packet only, the other includes
multicast. This feature can be set through REG 08h/09h/0Ah.12h.
The broadcast storm threshold can be programmed by EEPROM or REG 08h/09h/0Ah.15h, the default
setting is no broadcast storm protecting.
9.2.11 Bandwidth Control
The DM8603 supports two types of bandwidth control for each port. One is the ingress and egress
bandwidth rate can be controlled separately, the other is combined together, this function can be set through
REG 08h/09h/0Ah.12h.[14]. The bandwidth control is disabled by default.
To separate and combined bandwidth control mode, the threshold rate is defined in REG
08h/09h/0Ah.15h.
The behavior of bandwidth control as below:
(1). For the ingress control, if flow control function is enabled, Pause or Jam packet will be transmitted.
The ingress packets will be dropped if flow control is disabled.
(2). For the egress control, the egress port will not transmit any packets. On the other hand, the ingress
bandwidth of source port will be throttled that prevent packets from forwarding.
(3). In combined mode, if the sum of ingress and egress bandwidth over threshold, the bandwidth will
be throttled.
9.2.12 Port Monitoring Support
The DM8603 supports “Port Monitoring” function on per port base, detail as below:
(1). Sniffer Port and Monitor Port
There is only one port can be selected as “sniffer port” by REG 10h.13h, multiple ports can be set
as “receive monitor port” or “transmit monitor port” in REG 08h/09h/0Ah.12h.
(2). Receive monitor
All packets received on the “receive monitor port” are send a copy to “sniffer port”. For example,
port 0 is set as “receive monitor port” and port 2 is selected as a “sniffer port”. If a packet is
received form port 0 and predestined to port 1 after forwarding decision, the DM8603 will forward it
to port 1 and port 2 in the end.
(3). Transmit monitor
All packets transmitted on the “transmit monitor port” are send a copy to “sniffer port”. For example,
port 1 is set as “transmit monitor port” and port 2 is selected as “sniffer port”. If a packet is received
from port 0 and predestined to port 1 after forwarding decision, the DM8603 will forward it to port 1
and port 2 in the end.
(4). Exception
The DM8603 has an optional setting that broadcast/multicast packets are not monitored (see REG
08h/09h/0Ah.12h.[11]). It’s useful to avoid unnecessary bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com