Electronic Components Datasheet Search
  English  ▼

X  

DM8603 Datasheet(PDF) 86 Page - Davicom Semiconductor, Inc.

Part # DM8603
Description  10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM8603 Datasheet(HTML) 86 Page - Davicom Semiconductor, Inc.

Back Button DM8603 Datasheet HTML 82Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 83Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 84Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 85Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 86Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 87Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 88Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 89Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 90Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 107 page
background image
DM8603
10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
Preliminary datasheet
86
DM8603-12-DS-P01
November 8, 2010
9.3
MII Interface
9.3.1
MII Data Interface
The DM8603 port 2 provides a Media Independent Interface (MII) as defined in the IEEE 802.3u standard
(Clause 22).
The MII consists of a nibble wide receive data bus, a nibble wide transmit data bus, and control signals to
facilitate data transfers between the DM8603 port 2 and external device (a PHY or a MAC in reverse MII).
•
P2_TXD3~0 (transmit data) is a nibble (4 bits) of data that are driven by the DM8603 synchronously
with respect to P2_TXC. For each P2_TXC period, which P2_TXE is asserted, P2_TXD3~0 are
accepted for transmission by the external device.
•
P2_TXC (transmit clock) from the external device is a continuous clock that provides the timing
reference for the transfer of the P2_TXE, P2_TXD3~0. The DM8603 can drive 25MHz clock if it is
configured to reversed MII mode.
•
P2_TXE (transmit enable) from the DM8603 port 2 MAC indicates that nibbles are being presented
on the MII for transmission to the external device.
•
P2_RXD3~0 (receive data) is a nibble (4 bits) of data that are sampled by the DM8603 port 2 MAC
synchronously with respect to P2_RXC. For each P2_RXC period which P2_RXDV is asserted,
P2_RXD3~0 are transferred from the external device to the DM8603 port 2 MAC reconciliation sub
layer.
•
P2_RXC3~0 (receive clock) from external device to the DM8603 port 2 MAC reconciliation sub layer
is a continuous clock that provides the timing reference for the transfer of the P2_RXDV,
P2_RXD3~0, and P2_RXER signals.
•
P2_RXDV (receive data valid) input from the external device to indicates that the external device is
presenting recovered and decoded nibbles to the DM8603 port 2 MAC reconciliation sub layer. To
interpret a receive frame correctly by the reconciliation sub layer, P2_RXDV must encompass the
frame, starting no later than the Start-of-Frame delimiter and excluding any End-Stream delimiter.
•
P2_RXER (receive error) input from the external device is synchronously with respect to P2_RXC.
P2_RXER will be asserted for 1 or more clock periods to indicate to the reconciliation sub layer that
an error was detected somewhere in the frame being transmitted from the external device to the
DM8603 port 2 MAC.
•
P2_CRS (carrier sense) is asserted by the external device when either the transmit or receive
medium is non-idle, and de-asserted by the external device when the transmit and receive medium
are idle. The P2_CRS can also in output mode when the DM8603 port 2 is configured to reversed
MII mode.
•
P2_COL (collision detection) is asserted by the external device, when both the transmit and receive
medium is non-idle, and de-asserted by the external device when the either transmit or receive
medium are idle. The P2_COL can also in output mode when the DM8603 port 2 is configured to
reversed MII mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com