Electronic Components Datasheet Search
  English  ▼

X  

DM8603 Datasheet(PDF) 21 Page - Davicom Semiconductor, Inc.

Part # DM8603
Description  10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM8603 Datasheet(HTML) 21 Page - Davicom Semiconductor, Inc.

Back Button DM8603 Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 25Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
DM8603
10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
Preliminary datasheet
21
DM8603-12-DS-P01
November 8, 2010
6.7
Auto-negotiation Link Partner Ability Register (045h, 065h)
PHY_ADR
REG_ADR
ABS_ADR
02h, 03h
05h
045h, 065h
Bit
Bit Name
Default
Description
15
NP
RO
0b
Next Page Indication
0 = Link partner, no next page available
1 = Link partner, next page available
14
ACK
RO
0b
Acknowledge
The DM8603's auto-negotiation state machine will automatically
control this bit from the incoming FLP bursts. Software should not
attempt to write to this bit
1 = Link partner ability data reception acknowledged
0 = Not acknowledged
13
RF
RO
0b
Remote Fault
1 = Remote fault indicated by link partner
0 = No remote fault indicated by link partner
12:11
RESERVED
RO
00b
Reserved
Write as 00b, ignore when read
10
FCS
RO
0b
Flow Control Support
1 = Controller chip supports flow control ability by link partner
0 = Controller chip doesn’t support flow control ability by link
partner
9
T4
RO
0b
100BASE-T4 Support
1 = 100BASE-T4 is supported by the link partner
0 = 100BASE-T4 is not supported by the link partner
8
TX_FDX
RO
0b
100BASE-TX Full Duplex Support
1 = 100BASE-TX full duplex is supported by the link partner
0 = 100BASE-TX full duplex is not supported by the link partner
7
TX_HDX
RO
0b
100BASE-TX Support
1 = 100BASE-TX half duplex is supported by the link partner
0 = 100BASE-TX half duplex is not supported by the link partner
6
10_FDX
RO
0b
10BASE-T Full Duplex Support
1 = 10BASE-T full duplex is supported by the link partner
0 = 10BASE-T full duplex is not supported by the link partner
5
10_HDX
RO
0b
10BASE-T Support
1 = 10BASE-T half duplex is supported by the link partner
0 = 10BASE-T half duplex is not supported by the link partner
4:0
Selector
RO
0h
Protocol Selection Bits
Link partner’s binary encoded protocol selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com