Electronic Components Datasheet Search
  English  ▼

X  

DM8603 Datasheet(PDF) 28 Page - Davicom Semiconductor, Inc.

Part # DM8603
Description  10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM8603 Datasheet(HTML) 28 Page - Davicom Semiconductor, Inc.

Back Button DM8603 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM8603 Datasheet HTML 32Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 107 page
background image
DM8603
10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
Preliminary datasheet
28
DM8603-12-DS-P01
November 8, 2010
7.2
Per Port Switch Register
7.2.1
Per Port Status Register (110h, 130h, 150h)
PHY_ADR
REG_ADR
ABS_ADR
08h, 09h, 0Ah
10h
110h, 130h, 150h
Bit
ROM
Type
Default
Description
15:5
---
RO
0h
RESERVED
Write as 0h, ignore when read
4
---
P, RO
*
LP_FCS
Link Partner Flow Control Support Status
0: Link partner don't support IEEE 802.3x flow control
1: Link partner support IEEE 802.3x flow control
3
---
RO
0b
RESERVED
Write as 0b, ignore when read
2
---
P, RO
*
SPEED
Port Speed Status
0: 10Mbps
1: 100Mbps
1
---
P, RO
*
FDX
Port Duplex Status
0: Half-duplex
1: Full-duplex
0
---
P, RO
*
LINK
Port Link Status
0: Link Off
1: Link On
7.2.2
Per Port Basic Control Register 1 (111h, 131h, 151h)
PHY_ADR
REG_ADR
ABS_ADR
08h, 09h, 0Ah
11h
111h, 131h, 151h
Bit
ROM
Type
Default
Description
15
---
RO
0b
RESERVED
Write as 0b, ignore when read
14
80h.[14]
90h.[14]
A0h.[14]
PSE,RW
0b
UNPLUG_CLS
Unplug Clear Address Enable
Automatically clear address record in address table after cable is
unplugged
0: Disable, retaining address record
1: Enable, clearing address record
13
80h.[13]
90h.[13]
A0h.[13]
PSE,RW
0b
AGE_DIS
Address Table Aging
0: Age function is enabled
1: Age function is disabled
12
80h.[12]
90h.[12]
A0h.[12]
PSE,RW
0b
ADR_DIS
Address Learning Disabled
0: Address learning function is enabled
1: Address learning function is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com