Electronic Components Datasheet Search
  English  ▼

X  

DM9302 Datasheet(PDF) 38 Page - Davicom Semiconductor, Inc.

Part # DM9302
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302 Datasheet(HTML) 38 Page - Davicom Semiconductor, Inc.

Back Button DM9302 Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 42Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
38
Preliminary datasheet
DM9302-15-DS-P01
July 30, 2009
8.1 Basic Mode Control Register (BMCR) – 00H
Bit
Bit Name
Default
Description
15
Reset
0, RW/SC Reset
1=Software reset
0=Normal operation
This bit sets the status and controls the PHY registers to their
default states. This bit, which is self-clearing, will keep returning a
value of one until the reset process is completed
14
Loopback
0, RW
Loopback
Loop-back control register
1 = Loop-back enabled
0 = Normal operation
When in 100Mbps operation mode, setting this bit may cause the
descrambler to lose synchronization and produce a 720ms "dead
time" before any valid data appears at the MII receive outputs
13
Speed selection
1, RW
Speed Select
1 = 100Mbps
0 = 10Mbps
Link speed may be selected either by this bit or by auto-negotiation.
When auto-negotiation is enabled and bit 12 is set, this bit will return
auto-negotiation selected medium type
12
Auto-negotiation
enable
1, RW
Auto-negotiation Enable
1 = Auto-negotiation is enabled, bit 8 and 13 will be in
auto-negotiation status
11
Power down
0, RW
Power Down
While in the power-down state, the PHY should respond to
management transactions. During the transition to power-down
state and while in the power-down state, the PHY should not
generate spurious signals on the MII
1=Power down
0=Normal operation
10
Isolate
0,RW
Isolate
Force to 0 in application.
9
Restart
Auto-negotiation
0,RW/SC Restart Auto-negotiation
1 = Restart auto-negotiation. Re-initiates the auto-negotiation
process. When auto-negotiation is disabled (bit 12 of this register
cleared), this bit has no function and it should be cleared. This bit is
self-clearing and it will keep returning to a value of 1 until
auto-negotiation is initiated by the DM9302. The operation of the
auto-negotiation process will not be affected by the management
entity that clears this bit
0 = Normal operation
8
Duplex mode
1,RW
Duplex Mode
1 = Full duplex operation. Duplex selection is allowed when
Auto-negotiation is disabled (bit 12 of this register is cleared). With
auto-negotiation enabled, this bit reflects the duplex capability
selected by auto-negotiation
0 = Normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com