Electronic Components Datasheet Search
  English  ▼

X  

DM9302 Datasheet(PDF) 17 Page - Davicom Semiconductor, Inc.

Part # DM9302
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302 Datasheet(HTML) 17 Page - Davicom Semiconductor, Inc.

Back Button DM9302 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 21Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
Preliminary datasheet
17
DM9302-15-DS-P01
July 30, 2009
Key to Default
In the register description that follows, the default column
takes the form:
<Reset Value>, <Access Type>
Where:
<Reset Value>:
1
Bit set to logic one
0
Bit set to logic zero
X
No default value
P = power on reset, by PWRST# pin, default value
H = hardware reset, by Reg. 52H bit 6, default value
S = software reset, by Reg. 00H bit 0, default value
E = default value from EEPROM setting
T = default value from strap pin
<Access Type>:
RO = Read only
RW = Read/Write
R/C = Read and Clear
RW/C1=Read/Write and Cleared by write 1
WO = Write only
Reserved bits should be written with 0.
Reserved bits are undefined on read access.
6.1 Network Control Register (00H)
Bit
Name
Default
Description
7
RESERVED
0,RO
Reserved
6
LNK_X_EN
PH0,RW
Link Change Status Enable
When set, it enables to report port 0 or 1 link change status function. Clearing this
bit will also clear link change status
This bit will not be affected after a software reset
5
CLR1
PH0,RW
0: REG. 01H auto-cleared after read
1: REG. 01H cleared by writing 1 to respected bit.
4:2
RESERVED
0,RO
Reserved
1
LBK
PH0,
RW
Loopback test Mode
All transmit packets from processor port are forward to processor port itself.
0
RST
PH0,RW
Software reset and auto clear after 10us
6.2 Network Status Register (01H)
Bit
Name
Default
Description
7:6
RESERVED
0,RO
Reserved
5
LINK_X_ST
PH0,
W/C1
Link Change Status.
This bit is set after port 0 or 1 link changed.
If bit 5 of NCR is set, this bit is cleared by write 1; Otherwise it can be cleared by
read or write 1.
4
RESERVED
0,RO
Reserved
3
TX2END
PHS0,
RW/C1
TX Packet 2 Complete Status.
This bit is set after transmit completion of packet index 2
If bit 5 of NCR is set, this bit is cleared by write 1; Otherwise it can be cleared by
read or write 1.
2
TX1END
PHS0,
RW/C1
TX Packet 1 Complete status.
This bit is set after transmit completion of packet index 1
If bit 5 of NCR is set, this bit is cleared by write 1; Otherwise it can be cleared by
read or write 1.
1:0
RESERVED
0,RO
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com