Electronic Components Datasheet Search
  English  ▼

X  

DM9302 Datasheet(PDF) 9 Page - Davicom Semiconductor, Inc.

Part # DM9302
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302 Datasheet(HTML) 9 Page - Davicom Semiconductor, Inc.

Back Button DM9302 Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 13Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
Preliminary datasheet
9
DM9302-15-DS-P01
July 30, 2009
1. GENERAL DESCRIPTION
The DM9302 Fiber converter is complied with
IEEE802.3 standards, and designed to convert data
signal between 10/100 Base-TX and 100 Base-FX
fast Ethernet.
Media converters are connected between Fiber
cable and twisted cable segments with network and
also
the
simplest
way
to
interconnect
any
equipment’s 100BASE-TX / 10BASE-T to the
100BASE-FX interface network.
2. BLOCK DIAGRAM
100M PECL
TXMT/
RXCR
100M
MAC
10/100 M
PHY
10/100 M
MAC
Port 0
PECL
TX/RX
Port 1
MDI / MDIX
Switch
Controller
Control
Registers
MIB
Counters
EEPROM
Interface
Embedded
Memory
Memory
BIST
Memory
Management
Processor
Interface
Host
MAC
Switch Engine
8 / 16 bit
Processor
Bus
EEPROM
Switch Fabric



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com