Electronic Components Datasheet Search
  English  ▼

X  

DM9302 Datasheet(PDF) 60 Page - Davicom Semiconductor, Inc.

Part # DM9302
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302 Datasheet(HTML) 60 Page - Davicom Semiconductor, Inc.

Back Button DM9302 Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 57Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 58Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 59Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 60Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 61Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 62Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 63Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 64Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
60
Preliminary datasheet
DM9302-15-DS-P01
July 30, 2009
10.4.2 Processor I/O Read Timing
IOR#
SD0~15
CS#,CMD
T1
T2
T3
T4
T5
T6
Symbol
Parameter
Min.
Typ.
Max.
Unit
T1
CS#,CMD valid to IOR# valid
5
ns
T2
IOR# invalid to CS#,CMD invalid
5
ns
T3
IOR# width
20
ns
T4
IOR# invalid to next IOR#/IOW# valid
When read DM9302 register
2
Clk *1
T4
IOR# invalid to next IOR#/IOW# valid
When read DM9302 memory with F0h register
4
Clk *1
T3+T4 IOR# invalid to next IOR#/IOW# valid
When read DM9302 memory with F2h register
1
Clk *1
T5
System Data(SD) Delay time
25
ns
T6
IOR# invalid to System Data(SD) invalid
10
ns
*1 : the Unit: clk is under the internal system clock 50MHz.(20ns).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com