Electronic Components Datasheet Search
  English  ▼

X  

DM9302 Datasheet(PDF) 63 Page - Davicom Semiconductor, Inc.

Part # DM9302
Description  10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9302 Datasheet(HTML) 63 Page - Davicom Semiconductor, Inc.

Back Button DM9302 Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 57Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 58Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 59Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 60Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 61Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 62Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 63Page - Davicom Semiconductor, Inc. DM9302 Datasheet HTML 64Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
DM9302
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
Preliminary datasheet
63
DM9302-15-DS-P01
July 30, 2009
11. PACKAGE INFORMATION
64 Pins LQFP Package Outline Information:
Dimension in mm
Dimension in inch
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
1.60
-
-
0.063
A1
0.05
-
0.15
0.002
-
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
b
0.17
0.22
0.27
0.007
0.009
0.011
b1
0.17
0.20
0.23
0.007
0.008
0.009
c
0.09
-
0.20
0.004
-
0.008
c1
0.09
-
0.16
0.004
-
0.006
D
12.00 BSC
0.472 BSC
D1
10.00 BSC
0.394 BSC
E
12.00 BSC
0.472 BSC
E1
10.00 BSC
0.394 BSC
e
0.50 BSC
0.020 BSC
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00 REF
0.039 REF
R1
0.08
-
-
0.003
-
-
R2
0.08
-
0.20
0.003
-
0.008
S
0.20
-
-
0.008
-
-
θ
0
o
3.5
o
7
o
0
o
3.5
o
7
o
θ1
0
o
-
-
0
o
-
-
θ2
12
o TYP
12
o TYP
θ3
12
o TYP
12
o TYP
1. Dimension D1 and E1 do not include resin fin.
2. All dimensions are base on metric system.
3. General appearance spec should base on its final visual inspection spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com