Electronic Components Datasheet Search
  English  ▼

X  

MAX44005 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX44005
Description  RGB Color, Temperature,and Infrared Proximity Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44005 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX44005 Datasheet HTML 1Page - Maxim Integrated Products MAX44005 Datasheet HTML 2Page - Maxim Integrated Products MAX44005 Datasheet HTML 3Page - Maxim Integrated Products MAX44005 Datasheet HTML 4Page - Maxim Integrated Products MAX44005 Datasheet HTML 5Page - Maxim Integrated Products MAX44005 Datasheet HTML 6Page - Maxim Integrated Products MAX44005 Datasheet HTML 7Page - Maxim Integrated Products MAX44005 Datasheet HTML 8Page - Maxim Integrated Products MAX44005 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MAX44005
RGB Color, Temperature,
and Infrared Proximity Sensor
����������������������������������������������������������������� Maxim Integrated Products 1
General Description
The MAX44005 integrates 7 sensors in one product: red,
green, blue (RGB) sensors; an ambient light (clear) sen-
sor; a temperature sensor; an ambient infrared sensor,
and an infrared proximity sensor with an I2C interface.
This highly integrated optical sensor includes a tempera-
ture sensor to improve reliability and performance.
The IC computes all the light information with parallel
data converters to make simultaneous light measurement
in a very short time. The chip consumes only 15FA in
RGBC + IR mode and operates at 1.8V supply voltage.
The IC’s RGB sensing capability improves the perfor-
mance of end products by providing robust and precise
information for ambient color sensing and color tempera-
ture measurement.
The integrated proximity sensor uses a single-pulse LED
scheme to achieve very low power consumption. This
method also improves sunlight rejection and 50Hz/60Hz
noise to deliver reliable proximity measurements. With this
technology, the IC is a perfect solution for touch-screen
portable devices and presence detection applications.
The on-chip ambient sensor has the ability to make wide
dynamic range 0.002~8388.61FW/cm2 measurements.
The IC’s digital computation power provides program-
mability and flexibility for end-product design. A pro-
grammable interrupt pin minimizes the need to poll the
device for data, freeing up microcontroller resources,
and reducing system software overhead, and ultimately,
power consumption. All these features are included in a
tiny, 2mm x 2mm x 0.6mm optical package.
Features
S
Optical Sensor Fusion for True Color Sensing
7 Parallel ADCs
R, G, B, IR, ALS, Proximity Sensing
Temperature Sensing
S
Superior Sensitivity
0.001 Lux
S
Optimized for System Power Efficiency
10µA in Ambient Mode
15µA in RGBC + IR Mode
0.01µA in Shutdown Mode
S
Integrated 1-Pulse IR LED Driver for Proximity
Sensing
Improved Sensitivity and Power Saving
Sunlight Rejection
S
Digital Functionalities
Programmable Channel Gains
Adjustable Interrupt Thresholds
S
High-Level Integration
7 Sensors in a 2mm x 2mm x 0.6mm Package
Functional Diagram
19-6292; Rev 0; 5/12
Ordering Information appears at end of data sheet.
Smartphones
Tablet PCs
TVs/Displays
Digital Light
Management
Presence Detection
Industrial Sensors
Color Correction
Applications
For related parts and recommended products to use with this part, refer to: www.maxim-ic.com/MAX44005.related
EVALUATION KIT AVAILABLE
µC
MAX44005
I2C
SDA
SCLK
14-BIT
ADC
14-BIT
ADC
14-BIT
ADC
AMB
PGA
AMB
PGA
AMB
PGA
AMB
PGA
RED
DRV
GREEN
BLUE
CLEAR
IRLED
GND
GND
VLED
VCC
COMP
AMB
PGA
TEMP
14-BIT
ADC
14-BIT
ADC
14-BIT
ADC
AMB
PGA
AMBIENT
CANCELLATION
14-BIT
ADC
AMB
PGA
INT
IR
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX44005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4400 MAXIM-MAX4400 Datasheet
298Kb / 12P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4400 MAXIM-MAX4400 Datasheet
186Kb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400 MAXIM-MAX4400 Datasheet
178Kb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX44000 MAXIM-MAX44000 Datasheet
1Mb / 24P
Ambient and Infrared Proximity Sensor
Rev 0; 10/11
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
Continuous Data Acquisition
Rev 0; 11/11
More results

Similar Description - MAX44005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3MC ETC-E3MC Datasheet
674Kb / 26P
RGB Color Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-S822-QR999 AVAGO-HDJD-S822-QR999 Datasheet
274Kb / 11P
RGB Color Sensor
logo
Maxim Integrated Produc...
MAX44000 MAXIM-MAX44000 Datasheet
1Mb / 24P
Ambient and Infrared Proximity Sensor
Rev 0; 10/11
MAX44006 MAXIM-MAX44006 Datasheet
2Mb / 26P
RGB Color, Infrared, and Temperature Sensors
Rev 1; 8/12
logo
Everlight Electronics C...
CLS15-22C-L213B-TR8 EVERLIGHT-CLS15-22C-L213B-TR8_15 Datasheet
910Kb / 11P
RGB Color Light Sensor
CLS15-22C-L213G-TR8 EVERLIGHT-CLS15-22C-L213G-TR8_15 Datasheet
910Kb / 11P
RGB Color Light Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9950 AVAGO-APDS-9950 Datasheet
796Kb / 23P
Digital Proximity, RGB and Ambient Light Sensor
logo
Kingbright Corporation
APS5130PD7C-P22 KINGBRIGHT-APS5130PD7C-P22 Datasheet
206Kb / 4P
RGB Color Sensor
logo
HK TO-GRACE TECHNOLOGY ...
KPS-5130PD7C TO-GRACE-KPS-5130PD7C Datasheet
677Kb / 4P
RGB Color Sensor
logo
ams AG
TMD3719 AMSCO-TMD3719 Datasheet
1Mb / 95P
ALS/Color and Proximity Sensor
v2-00 2023-Jan-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com