Electronic Components Datasheet Search
  English  ▼

X  

MAX44005 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX44005
Description  RGB Color, Temperature,and Infrared Proximity Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44005 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX44005 Datasheet HTML 18Page - Maxim Integrated Products MAX44005 Datasheet HTML 19Page - Maxim Integrated Products MAX44005 Datasheet HTML 20Page - Maxim Integrated Products MAX44005 Datasheet HTML 21Page - Maxim Integrated Products MAX44005 Datasheet HTML 22Page - Maxim Integrated Products MAX44005 Datasheet HTML 23Page - Maxim Integrated Products MAX44005 Datasheet HTML 24Page - Maxim Integrated Products MAX44005 Datasheet HTML 25Page - Maxim Integrated Products MAX44005 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
���������������������������������������������������������������� Maxim Integrated Products 22
MAX44005
RGB Color, Temperature,
and Infrared Proximity Sensor
transfer on the bus. A master device writes data to the
IC by transmitting the proper slave address followed by
the register address and then the data word. Each trans-
mit sequence is framed by a START (S) or REPEATED
START (Sr) condition and a STOP (P) condition. Each
word transmitted to the IC is 8 bits long and is followed
by an acknowledge clock pulse. A master reading data
from the IC transmits the proper slave address followed
by a series of nine SCL pulses. The IC transmits data on
SDA in sync with the master-generated SCL pulses. The
master acknowledges receipt of each byte of data. Each
read sequence is framed by a START or REPEATED
START condition, a not acknowledge, and a STOP condi-
tion. SDA operates as both an input and an open-drain
output. A pullup resistor, typically greater than 500I, is
required on the SDA bus. SCL operates as only an input.
A pullup resistor, typically greater than 500I, is required
on SCL if there are multiple masters on the bus, or if the
master in a single-master system has an open-drain SCL
output. Series resistors in line with SDA and SCL are
optional. Series resistors protect the digital inputs of the
IC from high-voltage spikes on the bus lines, and mini-
mize crosstalk and undershoot of the bus signal.
Bit Transfer
One data bit is transferred during each SCL cycle. The
data on SDA must remain stable during the high period
of the SCL pulse. Changes in SDA while SCL is high are
control signals. See the START and STOP Conditions sec-
tion. SDA and SCL idle high when the I2C bus is not busy.
START and STOP Conditions
SDA and SCL idle high when the bus is not in use. A mas-
ter initiates communication by issuing a START condition.
A START condition is a high-to-low transition on SDA with
SCL high. A STOP condition is a low-to-high transition on
SDA while SCL is high (Figure 4). A START condition from
the master signals the beginning of a transmission to the
IC. The master terminates transmission and frees the bus
by issuing a STOP condition. The bus remains active if
a REPEATED START condition is generated instead of a
STOP condition.
Figure 3. 2-Wire Interface Timing Diagram
Figure 4. START, STOP, and REPEATED START Conditions
Figure 5. Acknowledge
SCL
SDA
START
CONDITION
STOP
CONDITION
REPEATED
START CONDITION
START
CONDITION
tHD, STA
tSU, STA
tHD, STA
tSP
tBUF
tSU, STO
tLOW
tSU, DAT
tHD, DAT
tHIGH
tR
tF
SCL
SDA
SSrP
1
SCL
START
CONDITION
SDA
28
9
CLOCK PULSE FOR
ACKNOWLEDGMENT
ACKNOWLEDGE
NOT ACKNOWLEDGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com