Electronic Components Datasheet Search
  English  ▼

X  

MAX44005 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX44005
Description  RGB Color, Temperature,and Infrared Proximity Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44005 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX44005 Datasheet HTML 9Page - Maxim Integrated Products MAX44005 Datasheet HTML 10Page - Maxim Integrated Products MAX44005 Datasheet HTML 11Page - Maxim Integrated Products MAX44005 Datasheet HTML 12Page - Maxim Integrated Products MAX44005 Datasheet HTML 13Page - Maxim Integrated Products MAX44005 Datasheet HTML 14Page - Maxim Integrated Products MAX44005 Datasheet HTML 15Page - Maxim Integrated Products MAX44005 Datasheet HTML 16Page - Maxim Integrated Products MAX44005 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
���������������������������������������������������������������� Maxim Integrated Products 13
MAX44005
RGB Color, Temperature,
and Infrared Proximity Sensor
Ambient Interrupt Select (AMBSEL[1:0])
The two AMBSEL[1:0] bits define four operating modes for the IC.
Table 8. Ambient Interrupt Select (AMBSEL[1:0])
Table 9. MODE[2:0]
MODE[2:0]
The three MODE[2:0] bits define eight operating modes for the IC.
Ambient Configuration Register (0x02)
Writing to the Ambient Configuration register aborts any ambient data conversion (Registers 0x04 to 0x0F) if already in
progress, applies the new settings immediately, and initiates a new conversion.
*When TEMPEN is set to 1.
AMBSEL[1:0]
OPERATION
00
CLEAR channel data is used to compare with ambient interrupt thresholds and ambient timer settings.
01
GREEN channel data is used to compare with ambient interrupt thresholds and ambient timer settings.
10
IR channel data is used to compare with ambient interrupt thresholds and ambient timer settings.
11
TEMP channel data is used to compare with ambient interrupt thresholds and ambient timer settings.
MODE[2:0]
OPERATING MODE
COMMENTS
000
CLEAR
CLEAR + TEMP* channel active only
001
CLEAR + IR
CLEAR + TEMP* + IR channels active
010
CLEAR + RGB + IR
CLEAR + TEMP* + RGB + IR channels active
011
CLEAR + IR + PROX
CLEAR + TEMP* + IR + PROX channels active
(CLEAR + TEMP* + IR + PROX interleaved)
100
CLEAR + RGB + IR + PROX
CLEAR + TEMP* + RGB + IR + PROX channels active
(CLEAR + TEMP* + RBG + IR and PROX interleaved)
101
PROX only
PROX only continuous
110
Reserved
Reserved
111
Reserved
Reserved
REGISTER
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
REGISTER
ADDRESS
POWER-
ON
RESET
STATE
R/W
Ambient Configuration
TRIM
COMPEN
TEMPEN
AMBTIM[2:0]
AMBPGA[1:0]
0x02
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com