Electronic Components Datasheet Search
  English  ▼

X  

MAX44005 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX44005
Description  RGB Color, Temperature,and Infrared Proximity Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44005 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX44005 Datasheet HTML 10Page - Maxim Integrated Products MAX44005 Datasheet HTML 11Page - Maxim Integrated Products MAX44005 Datasheet HTML 12Page - Maxim Integrated Products MAX44005 Datasheet HTML 13Page - Maxim Integrated Products MAX44005 Datasheet HTML 14Page - Maxim Integrated Products MAX44005 Datasheet HTML 15Page - Maxim Integrated Products MAX44005 Datasheet HTML 16Page - Maxim Integrated Products MAX44005 Datasheet HTML 17Page - Maxim Integrated Products MAX44005 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
���������������������������������������������������������������� Maxim Integrated Products 14
MAX44005
RGB Color, Temperature,
and Infrared Proximity Sensor
Table 10. AMBPGA[1:0]
AMBPGA[1:0]
The two AMBPGA[1:0] bits set the gain of the clear/red/green/blue/IR channel measurements according to Table 10.
*At 14-bit resolution, 100ms ADC conversion time. Sensitivity is four times higher with 400ms integration time.
In AMBTIM[2:0] = 000 mode (100ms integration time).
In AMBTIM[2:0] = 100 mode (400ms integration time).
AMBPGA[1:0]
CLEAR
RED
GREEN
nW/cm2 per
LSB*
FULL SCALE
(µW/cm2)
nW/cm2 per
LSB*
FULL SCALE
(µW/cm2)
nW/cm2 per
LSB*
FULL SCALE
(µW/cm2)
00
2
32.768
2
32.768
2
32.768
01
8
131.072
8
131.072
8
131.072
10
32
524.288
32
524.288
32
524.288
11
512
8388.61
512
8388.61
512
8388.61
AMBPGA[1:0]
BLUE
IR
nW/cm2 per
LSB*
FULL SCALE
(µW/cm2)
nW/cm2 per
LSB*
FULL SCALE
(µW/cm2)
00
4
65.536
2
32.768
01
16
262.144
8
131.072
10
64
1048.573
32
524.288
11
1024
16777.2
512
8388.61
AMBPGA[1:0]
CLEAR
RED
GREEN
nW/cm2 per
LSB*
FULL SCALE
(µW/cm2)
nW/cm2 per
LSB*
FULL SCALE
(µW/cm2)
nW/cm2 per
LSB*
FULL SCALE
(µW/cm2)
00
0.5
8.192
0.5
8.192
0.5
8.192
01
2
32.768
2
32.768
2
32.768
10
8
131.072
8
131.072
8
131.072
11
128
2097.153
128
2097.153
128
2097.153
AMBPGA[1:0]
BLUE
IR
nW/cm2 per
LSB*
FULL SCALE
(µW/cm2)
nW/cm2 per
LSB*
FULL SCALE
(µW/cm2)
00
1
16.384
0.5
8.192
01
4
65.536
2
32.768
10
16
262.1433
8
131.072
11
256
4194.3
128
2097.153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com