Electronic Components Datasheet Search
  English  ▼

X  

MAX44005 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX44005
Description  RGB Color, Temperature,and Infrared Proximity Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44005 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX44005 Datasheet HTML 1Page - Maxim Integrated Products MAX44005 Datasheet HTML 2Page - Maxim Integrated Products MAX44005 Datasheet HTML 3Page - Maxim Integrated Products MAX44005 Datasheet HTML 4Page - Maxim Integrated Products MAX44005 Datasheet HTML 5Page - Maxim Integrated Products MAX44005 Datasheet HTML 6Page - Maxim Integrated Products MAX44005 Datasheet HTML 7Page - Maxim Integrated Products MAX44005 Datasheet HTML 8Page - Maxim Integrated Products MAX44005 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
����������������������������������������������������������������� Maxim Integrated Products 2
MAX44005
RGB Color, Temperature,
and Infrared Proximity Sensor
VCC to GND..........................................................-0.3V to +2.2V
DRV, INT, SCL, SDA ...............................................-0.3V to +6V
Continuous Power Dissipation
(derate 11.9mW/NC above +70NC) ..............................953mW
Continuous Input Current into Any Terminal................... ±20mA
Output Short-Circuit Current Duration.......................Continuous
Operating Temperature Range.......................... -40NC to +85NC
Soldering Temperature (reflow) ......................................+260NC
OTDFN
Junction-to-Ambient Thermal Resistance (BJA) .......83.9NC/W
Junction-to-Case Thermal Resistance (BJC) ...............37NC/W
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS
(VCC = 1.8V, TA = +25NC, TMIN–TMAX are from -40NC to +85NC, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
COLOR SENSOR CHARACTERISTICS
Maximum Sensitivity (Note 3)
Clear = 538nm
0.002
F
W/cm2
Red = 630nm
0.002
Green = 538nm
0.002
Blue = 470nm
0.004
Infrared = 850nm
0.002
Maximum Sense Capability
Clear = 538nm
8388
F
W/cm2
Red = 630nm
8388
Green = 538nm
8388
Blue = 470nm
16,777
Infrared = 850nm
8388
Total Error
TE
Power = 10FW/cm2
Red = 630nm,
Green = 538nm,
Blue = 470nm,
Clear = 538nm,
IR = 850nm
TA = +25NC
2
15
%
Gain Matching
Red to green to blue, TA = +25NC
0.5
10
%
Power-Up Time
tON
10
ms
Dark Level Counts
6.25ms conversion time, 0 lux, TA = +25NC
2
Counts
ADC Conversion Time
14-bit resolution (Note 4)
400
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com