Electronic Components Datasheet Search
  English  ▼

X  

DRV8834RGET Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8834RGET
Description  DUAL BRIDGE STEPPER OR DC MOTOR DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8834RGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8834RGET Datasheet HTML 3Page - Texas Instruments DRV8834RGET Datasheet HTML 4Page - Texas Instruments DRV8834RGET Datasheet HTML 5Page - Texas Instruments DRV8834RGET Datasheet HTML 6Page - Texas Instruments DRV8834RGET Datasheet HTML 7Page - Texas Instruments DRV8834RGET Datasheet HTML 8Page - Texas Instruments DRV8834RGET Datasheet HTML 9Page - Texas Instruments DRV8834RGET Datasheet HTML 10Page - Texas Instruments DRV8834RGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
STEP
DIR, M0, M1
2
3
1
4
5
nSLEEP
6
DRV8834
www.ti.com
SLVSB19A – FEBRUARY 2012 – REVISED MARCH 2012
ELECTRICAL CHARACTERISTICS (continued)
TA = 25°C, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tTSD
Thermal shutdown temperature
Die temperature
150
160
180
°C
CURRENT CONTROL
IREF
VREF input current
VREF = 3.3 V
-1
1
µA
VTRIP
xISEN trip voltage
For 100% current step
400
mV
AISENSE
Current sense amplifier gain
Reference only
5
V/V
TIMING REQUIREMENTS
TA = 25°C, over operating free-air temperature range (unless otherwise noted)
NO.
PARAMETER
CONDITIONS
MIN
MAX
UNIT
1
fSTEP
Step frequency
250
kHz
2
tWH(STEP)
Pulse duration, STEP high
1.9
µs
3
tWL(STEP)
Pulse duration, STEP low
1.9
µs
4
tSU(STEP)
Setup time, command to STEP rising
200
ns
5
tH(STEP)
Hold time, command to STEP rising
1
µs
6
tWAKE
Wakeup time, nSLEEP inactive to STEP
1
ms
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DRV8834



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com