Electronic Components Datasheet Search
  English  ▼

X  

DRV8834RGET Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8834RGET
Description  DUAL BRIDGE STEPPER OR DC MOTOR DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8834RGET Datasheet(HTML) 1 Page - Texas Instruments

  DRV8834RGET Datasheet HTML 1Page - Texas Instruments DRV8834RGET Datasheet HTML 2Page - Texas Instruments DRV8834RGET Datasheet HTML 3Page - Texas Instruments DRV8834RGET Datasheet HTML 4Page - Texas Instruments DRV8834RGET Datasheet HTML 5Page - Texas Instruments DRV8834RGET Datasheet HTML 6Page - Texas Instruments DRV8834RGET Datasheet HTML 7Page - Texas Instruments DRV8834RGET Datasheet HTML 8Page - Texas Instruments DRV8834RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
DRV8834
www.ti.com
SLVSB19A – FEBRUARY 2012 – REVISED MARCH 2012
DUAL BRIDGE STEPPER OR DC MOTOR DRIVER
Check for Samples: DRV8834
1
FEATURES
2
•
Dual-H-Bridge Current-Control Motor Driver
•
Dynamic tBLANK and Mixed Decay Modes for
Smooth Microstepping
–
Capable of Driving Two DC Motors or One
Stepper Motor
•
PWM Winding Current Regulation and Limiting
•
Two Control Modes:
•
Thermally Enhanced Surface Mount Package
–
Built-In Indexer Logic With Simple
APPLICATIONS
STEP/DIRECTION Control and Up to
1/32-Step Microstepping
•
Battery-Powered Toys
–
PHASE/ENABLE Control, With the Ability to
•
POS Printers
Drive External References for > 1/32-Step
•
Video Security Cameras
Microstepping
•
Office Automation Machines
•
Output Current 1.5-A Continuous, 2.2-A Peak
•
Gaming Machines
per H-Bridge (at VM = 5 V, 25°C)
•
Robotics
•
Low RDS(ON): 305-mΩ HS + LS
(at VM = 5 V, 25°C)
•
Wide Power Supply Voltage Range:
2.5 V – 10.8 V
DESCRIPTION
The DRV8834 provides a flexible motor driver solution for toys, printers, cameras, and other mechatronic
applications. The device has two H-bridge drivers, and is intended to drive a bipolar stepper motor or two DC
motors.
The output driver block of each H-bridge consists of N-channel power MOSFET’s configured as an H-bridge to
drive the motor windings. Each H-bridge includes circuitry to regulate or limit the winding current.
With proper PCB design, each H-bridge of the DRV8834 is capable of driving up to 1.5-A RMS (or DC)
continuously, at 25°C with a VM supply of 5 V. It can support peak currents of up to 2.2 A per bridge. Current
capability is reduced slightly at lower VM voltages.
Internal shutdown functions with a fault output pin are provided for over current protection, short circuit
protection, under voltage lockout and overtemperature. A low-power sleep mode is also provided.
The DRV8834 is packaged in a 24-pin HTSSOP or VQFN package with PowerPAD™ (Eco-friendly: RoHS & no
Sb/Br).
ORDERING INFORMATION(1)
ORDERABLE PART
TOP-SIDE
PACKAGE(2)
NUMBER
MARKING
Reel of 2000
DRV8834PWPR
PowerPAD™ (HTSSOP) - PWP
DRV8834
Tube of 60
DRV8834PWP
Reel of 3000
DRV8834RGER
PowerPAD™ (VQFN) - RGE
8834
Reel of 250
DRV8834RGET
(1)
For the most current packaging and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DRV8834RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8834RGER TI2-DRV8834RGER Datasheet
3Mb / 45P
DRV8834 Dual-Bridge Stepper or DC Motor Driver
REVISED MARCH 2015
DRV8834RGER.A TI2-DRV8834RGER.A Datasheet
3Mb / 45P
DRV8834 Dual-Bridge Stepper or DC Motor Driver
REVISED MARCH 2015
DRV8834RGER.B TI2-DRV8834RGER.B Datasheet
3Mb / 45P
DRV8834 Dual-Bridge Stepper or DC Motor Driver
REVISED MARCH 2015
DRV8834RGERG4 TI2-DRV8834RGERG4 Datasheet
3Mb / 45P
DRV8834 Dual-Bridge Stepper or DC Motor Driver
REVISED MARCH 2015
DRV8834RGERG4.A TI2-DRV8834RGERG4.A Datasheet
3Mb / 45P
DRV8834 Dual-Bridge Stepper or DC Motor Driver
REVISED MARCH 2015
More results

Similar Description - DRV8834RGET

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L8229 STMICROELECTRONICS-L8229 Datasheet
862Kb / 42P
Dual DMOS full bridge stepper/DC motor driver
12-Sep-2006
logo
Shindengen Electric Mfg...
MTD2003B SHINDENGEN-MTD2003B Datasheet
57Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2003G SHINDENGEN-MTD2003G Datasheet
103Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2006G SHINDENGEN-MTD2006G Datasheet
107Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2003BE SHINDENGEN-MTD2003BE Datasheet
57Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2006GE SHINDENGEN-MTD2006GE Datasheet
107Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2017FE SHINDENGEN-MTD2017FE Datasheet
91Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2017GE SHINDENGEN-MTD2017GE Datasheet
120Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2018GE SHINDENGEN-MTD2018GE Datasheet
120Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
logo
Texas Instruments
DRV8834 TI-DRV8834_15 Datasheet
1Mb / 43P
DRV8834 Dual-Bridge Stepper or DC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com