Electronic Components Datasheet Search
  English  ▼

X  

DRV8834RGET Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8834RGET
Description  DUAL BRIDGE STEPPER OR DC MOTOR DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8834RGET Datasheet(HTML) 3 Page - Texas Instruments

  DRV8834RGET Datasheet HTML 1Page - Texas Instruments DRV8834RGET Datasheet HTML 2Page - Texas Instruments DRV8834RGET Datasheet HTML 3Page - Texas Instruments DRV8834RGET Datasheet HTML 4Page - Texas Instruments DRV8834RGET Datasheet HTML 5Page - Texas Instruments DRV8834RGET Datasheet HTML 6Page - Texas Instruments DRV8834RGET Datasheet HTML 7Page - Texas Instruments DRV8834RGET Datasheet HTML 8Page - Texas Instruments DRV8834RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
DRV8834
www.ti.com
SLVSB19A – FEBRUARY 2012 – REVISED MARCH 2012
Table 1. TERMINAL FUNCTIONS
PIN
PIN
EXTERNAL COMPONENTS
NAME
I/O(1)
DESCRIPTION
(PWP)
(RGE)
OR CONNECTIONS
POWER AND GROUND
21,
18,
Both the GND pin and device PowerPAD
GND
-
Device ground
PPAD
PPAD
must be connected to ground
Connect to motor supply. A 10-µF (minimum)
VM
18, 19
15, 16
-
Bridge A power supply
capacitor to GND is recommended.
Bypass to GND with 2.2-
μF (minimum), 6.3-V
capacitor. Can be used to provide logic high
VINT
20
17
-
Internal supply
voltage for configuration pins (except
nSLEEP).
May be connected to AVREF/BVREF inputs.
VREFO
24
21
O
Reference voltage output
Do not place a bypass capacitor on this pin.
Connect a 0.01-
μF, 16-V (minimum) X7R
VCP
17
14
O
High-side gate drive voltage
ceramic capacitor to VM.
CONTROL (Indexer Mode or Phase/Enable Mode)
Indexer mode: Logic low enables all outputs.
Phase/enable mode: Logic low enables the
nENBL/AENBL
10
7
I
Step motor enable/Bridge A enable
AOUTx outputs.
Internal pulldown.
Indexer mode: Rising edge moves indexer to
next step.
STEP/BENBL
11
8
I
Step input/Bridge B enable
Phase/enable mode: Logic low enables the
BOUTx outputs.
Internal pulldown.
Indexer mode: Level sets direction of step.
Phase/enable mode: Logic high sets BOUT1
DIR/BPHASE
12
9
I
Direction input/Bridge B Phase
high, BOUT2 low.
Internal pulldown.
Indexer mode: Controls microstep mode (full,
half, up to 1/32-step) along with M1.
M0/APHASE
13
10
I
Microstep mode/Bridge A phase
Phase/enable mode: Logic high sets AOUT1
high, AOUT2 low.
Internal pulldown.
Indexer mode: Controls microstep mode (full,
half, up to 1/32-step) along with M0.
M1
14
11
I
Microstep mode/Disable state
Phase/enable mode: Determines the state of
the outputs when xENBL = 0.
Internal pulldown.
Logic high to put the device in indexer mode.
Logic low to put the device into phase/enable
CONFIG
15
12
I
Device configuration
mode. State is latched at power-up and sleep
exit. Internal pulldown.
Logic high to enable device, logic low to
nSLEEP
1
22
I
Sleep mode input
enter low-power sleep mode and reset all
internal logic.
Reference voltage for winding current set.
Can be driven individually with an external
AVREF
22
19
I
Bridge A current set reference input
DACs for micro-stepping, or tied to a
reference voltage (e.g., VREFO).
Reference voltage for winding current set.
Can be driven individually with an external
BVREF
23
20
I
Bridge B current set reference input
DACs for micro-stepping, or tied to a
reference voltage (e.g., VREFO).
Determines decay mode for H-Bridge A (or A
ADECAY
3
24
I
Decay mode for bridge A
and B in indexer mode) – slow, fast or mixed
decay
Determines decay mode for H-Bridge B –
BDECAY
2
23
I
Decay mode for bridge B
slow, fast or mixed decay
(1)
Directions: I = input, O = output, OZ = tri-state output, OD = open-drain output, IO = input/output
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DRV8834



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com