Electronic Components Datasheet Search
  English  ▼

X  

DRV8834RGET Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8834RGET
Description  DUAL BRIDGE STEPPER OR DC MOTOR DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8834RGET Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8834RGET Datasheet HTML 9Page - Texas Instruments DRV8834RGET Datasheet HTML 10Page - Texas Instruments DRV8834RGET Datasheet HTML 11Page - Texas Instruments DRV8834RGET Datasheet HTML 12Page - Texas Instruments DRV8834RGET Datasheet HTML 13Page - Texas Instruments DRV8834RGET Datasheet HTML 14Page - Texas Instruments DRV8834RGET Datasheet HTML 15Page - Texas Instruments DRV8834RGET Datasheet HTML 16Page - Texas Instruments DRV8834RGET Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
DRV8834
www.ti.com
SLVSB19A – FEBRUARY 2012 – REVISED MARCH 2012
Table 5. Current and Step Directions
FULL STEP
WINDING
WINDING
ELECTRICAL
1/32 STEP
1/16 STEP
1/8 STEP
1/4 STEP
1/2 STEP
70%
CURRENT A
CURRENT B
ANGLE
1
1
1
1
1
100%
0%
0
2
100%
5%
3
3
2
100%
10%
6
4
99%
15%
8
5
3
2
98%
20%
11
6
97%
24%
14
7
4
96%
29%
17
8
94%
34%
20
9
5
3
2
92%
38%
23
10
90%
43%
25
11
6
88%
47%
28
12
86%
51%
31
13
7
4
83%
56%
34
14
80%
60%
37
15
8
77%
63%
39
16
74%
67%
42
17
9
5
3
2
1
71%
71%
45
18
67%
74%
48
19
10
63%
77%
51
20
60%
80%
53
21
11
6
56%
83%
56
22
51%
86%
59
23
12
47%
88%
62
24
43%
90%
65
25
13
7
4
38%
92%
68
26
34%
94%
70
27
14
29%
96%
73
28
24%
97%
76
29
15
8
20%
98%
79
30
15%
99%
82
31
16
10%
100%
84
32
5%
100%
87
33
17
9
5
3
0%
100%
90
34
-5%
100%
93
35
18
-10%
100%
96
36
-15%
99%
98
37
19
10
-20%
98%
101
38
-24%
97%
104
39
20
-29%
96%
107
40
-34%
94%
110
41
21
11
6
-38%
92%
113
42
-43%
90%
115
43
22
-47%
88%
118
44
-51%
86%
121
45
23
12
-56%
83%
124
46
-60%
80%
127
47
24
-63%
77%
129
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): DRV8834



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com