Electronic Components Datasheet Search
  English  ▼

X  

DRV8834RGET Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8834RGET
Description  DUAL BRIDGE STEPPER OR DC MOTOR DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8834RGET Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV8834RGET Datasheet HTML 17Page - Texas Instruments DRV8834RGET Datasheet HTML 18Page - Texas Instruments DRV8834RGET Datasheet HTML 19Page - Texas Instruments DRV8834RGET Datasheet HTML 20Page - Texas Instruments DRV8834RGET Datasheet HTML 21Page - Texas Instruments DRV8834RGET Datasheet HTML 22Page - Texas Instruments DRV8834RGET Datasheet HTML 23Page - Texas Instruments DRV8834RGET Datasheet HTML 24Page - Texas Instruments DRV8834RGET Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
P
= HS - R
I
LS - R
I
TOT
DS(ON)
OUT(RMS)
DS(ON)
OUT(RMS)
(
) + (
)
·
·
2
2
DRV8834
www.ti.com
SLVSB19A – FEBRUARY 2012 – REVISED MARCH 2012
THERMAL INFORMATION
Maximum Output Current
In actual operation, the maximum output current achievable with a motor driver is a function of die temperature.
This in turn is greatly affected by ambient temperature and PCB design. Basically, the maximum motor current
will be the amount of current that results in a power dissipation level that, along with the thermal resistance of the
package and PCB, keeps the die at a low enough temperature to stay out of thermal shutdown.
The thermal data given in the datasheet can be used as a guide to calculate the approximate maximum power
dissipation that can be expected to be possible without entering thermal shutdown for several different PCB
constructions. However, for accurate data, the actual PCB design must be analyzed via measurement or thermal
simulation.
Thermal Protection
The DRV8834 has thermal shutdown (TSD) as described above. If the die temperature exceeds approximately
160°C, the device will be disabled until the temperature drops to a safe level.
Any tendency of the device to enter thermal shutdown is an indication of either excessive power dissipation,
insufficient heatsinking, or too high an ambient temperature.
Power Dissipation
Power dissipation in the DRV8834 is dominated by the DC power dissipated in the output FET resistance, or
RDS(ON). There is additional power dissipated due to PWM switching losses, which are dependent on PWM
frequency, rise and fall times, and VM supply voltages. These switching losses are typically on the order of 10%
to 20% of the DC power dissipation.
The DC power dissipation of one H-bridge can be roughly estimated by Equation 2.
(2)
where PTOT is the total power dissipation, HS - RDS(ON) is the resistance of the high side FET, LS - RDS(ON) is the
resistance of the low side FET, and IOUT(RMS) is the RMS output current being applied to the motor.
Note that RDS(ON) increases with temperature, so as the device heats, the power dissipation increases. This must
be taken into consideration when sizing the heatsink.
Heatsinking
The PowerPAD™ package uses an exposed pad to remove heat from the device. For proper operation, this pad
must be thermally connected to copper on the PCB to dissipate heat. On a multi-layer PCB with a ground plane,
this can be accomplished by adding a number of vias to connect the thermal pad to the ground plane. On PCBs
without internal planes, copper area can be added on either side of the PCB to dissipate heat. If the copper area
is on the opposite side of the PCB from the device, thermal vias are used to transfer the heat between top and
bottom layers.
For details about how to design the PCB, refer to TI application report SLMA002, " PowerPAD™ Thermally
Enhanced Package" and TI application brief SLMA004, " PowerPAD™ Made Easy", available at www.ti.com.
In general, the more copper area that can be provided, the more power can be dissipated.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): DRV8834



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com