Electronic Components Datasheet Search
  English  ▼

X  

INA3221 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA3221 Datasheet HTML 17Page - Texas Instruments INA3221 Datasheet HTML 18Page - Texas Instruments INA3221 Datasheet HTML 19Page - Texas Instruments INA3221 Datasheet HTML 20Page - Texas Instruments INA3221 Datasheet HTML 21Page - Texas Instruments INA3221 Datasheet HTML 22Page - Texas Instruments INA3221 Datasheet HTML 23Page - Texas Instruments INA3221 Datasheet HTML 24Page - Texas Instruments INA3221 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
INA3221
www.ti.com
SBOS576 – MAY 2012
Configuration Register (Address = 00h, Read/Write)
BIT
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
RST
CH1en
CH2en
CH3en
AVG2
AVG1
AVG0
VBUSCT2 VBUSCT1 VBUSCT0
VSHCT2
VSHCT1
VSHCT0
MODE3
MODE2
MODE1
POR
0
1
1
1
0
0
0
1
0
0
1
0
0
1
1
1
VALUE
Bit 15
RST: Reset bit
Setting this bit to '1' generates a system reset that is the same as a power-on reset (POR). This bit resets all
registers to default values and self-clears.
Bits[14:12]
CHEN: Channel enable mode
The channel enable mode bits allow each channel to be independently enabled or disabled.
0 = Channel disable
1 = Channel enable (default)
Bits[11:9]
AVG: Averaging mode
Sets the number of samples that are collected and averaged together.
Table 3 summarizes the AVG bit settings and related number of averages for each bit.
Table 3. AVG Bit Settings, Bits[11:9]
AVG2
AVG1
AVG0
NUMBER OF
D11
D10
D9
AVERAGES
0 (default)
0 (default)
0 (default)
1 (default)
0
0
1
4
0
1
0
16
0
1
1
64
1
0
0
128
1
0
1
256
1
1
0
512
1
1
1
1024
Bits[8:6]
VBUS CT: Bus voltage conversion time
Sets the conversion time for the bus voltage measurement.
Table 4 shows the VBUS CT bit options and related conversion times for each bit.
Table 4. VBUS CT Bit Settings, Bits[8:6]
VBUS CT2
VBUS CT1
VBUS CT0
CONVERSION TIME
D8
D7
D6
0
0
0
140 µs
0
0
1
204 µs
0
1
0
332 µs
0
1
1
588 µs
1 (default)
0 (default)
0 (default)
1.1 ms (default)
1
0
1
2.116 ms
1
1
0
4.156 ms
1
1
1
8.244 ms
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com