Electronic Components Datasheet Search
  English  ▼

X  

INA3221 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221 Datasheet(HTML) 4 Page - Texas Instruments

  INA3221 Datasheet HTML 1Page - Texas Instruments INA3221 Datasheet HTML 2Page - Texas Instruments INA3221 Datasheet HTML 3Page - Texas Instruments INA3221 Datasheet HTML 4Page - Texas Instruments INA3221 Datasheet HTML 5Page - Texas Instruments INA3221 Datasheet HTML 6Page - Texas Instruments INA3221 Datasheet HTML 7Page - Texas Instruments INA3221 Datasheet HTML 8Page - Texas Instruments INA3221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
INA3221
SBOS576 – MAY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +3.3 V (continued)
At TA = +25°C, VIN+ = 12 V, VSENSE = (VIN+) – (VIN–) = 0 mV, and VBUS = 12 V, unless otherwise noted.
INA3221
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Operating supply range
+2.7
+5.5
V
350
450
μA
Quiescent current
Power-down mode
0.5
2
μA
Power-on reset threshold
2
V
TEMPERATURE RANGE
Specified range
–40
+125
°C
THERMAL INFORMATION
INA3221
THERMAL METRIC(1)
RGV
UNITS
16 PINS
θJA
Junction-to-ambient thermal resistance
36.5
θJCtop
Junction-to-case (top) thermal resistance
42.7
θJB
Junction-to-board thermal resistance
14.7
°C/W
ψJT
Junction-to-top characterization parameter
0.5
ψJB
Junction-to-board characterization parameter
14.8
θJCbot
Junction-to-case (bottom) thermal resistance
3.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com