Electronic Components Datasheet Search
  English  ▼

X  

INA3221 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA3221 Datasheet HTML 5Page - Texas Instruments INA3221 Datasheet HTML 6Page - Texas Instruments INA3221 Datasheet HTML 7Page - Texas Instruments INA3221 Datasheet HTML 8Page - Texas Instruments INA3221 Datasheet HTML 9Page - Texas Instruments INA3221 Datasheet HTML 10Page - Texas Instruments INA3221 Datasheet HTML 11Page - Texas Instruments INA3221 Datasheet HTML 12Page - Texas Instruments INA3221 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
0
5
10
15
20
25
30
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
IB+
IB−
G014
0
50
100
150
200
250
300
350
400
450
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
IB+, IB−
G015
200
250
300
350
400
450
500
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
G016
0
0.5
1
1.5
2
2.5
3
3.5
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
G017
300
350
400
450
500
550
600
650
700
0.01
0.1
1
4
Frequency (MHz)
G018
0
50
100
150
200
250
300
350
0.01
0.1
1
4
Frequency (MHz)
G019
INA3221
www.ti.com
SBOS576 – MAY 2012
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +3.3 V, VIN+ = 12 V, VSENSE = (VIN+) – (VIN–) = 0 mV, and VBUS = 12 V, unless otherwise noted.
INPUT BIAS CURRENT
INPUT BIAS CURRENT
vs TEMPERATURE
vs TEMPERATURE (Shutdown)
Figure 14.
Figure 15.
ACTIVE IQ vs TEMPERATURE
SHUTDOWN IQ vs TEMPERATURE
Figure 16.
Figure 17.
ACTIVE IQ vs I
2C CLOCK FREQUENCY
SHUTDOWN IQ vs I
2C CLOCK FREQUENCY
Figure 18.
Figure 19.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com