Electronic Components Datasheet Search
  English  ▼

X  

INA3221 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA3221 Datasheet HTML 3Page - Texas Instruments INA3221 Datasheet HTML 4Page - Texas Instruments INA3221 Datasheet HTML 5Page - Texas Instruments INA3221 Datasheet HTML 6Page - Texas Instruments INA3221 Datasheet HTML 7Page - Texas Instruments INA3221 Datasheet HTML 8Page - Texas Instruments INA3221 Datasheet HTML 9Page - Texas Instruments INA3221 Datasheet HTML 10Page - Texas Instruments INA3221 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
−60
−50
−40
−30
−20
−10
0
1
10
100
1k
10k
100k
Frequency (Hz)
G001
Input Offset Voltage (µV)
G003
30
35
40
45
50
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
G004
115
120
125
130
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
G005
0
50
100
150
200
250
300
350
400
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
G007
Input Gain Error (%)
G006
INA3221
www.ti.com
SBOS576 – MAY 2012
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +3.3 V, VIN+ = 12 V, VSENSE = (VIN+) – (VIN–) = 0 mV, and VBUS = 12 V, unless otherwise noted.
SHUNT INPUT OFFSET VOLTAGE
FREQUENCY RESPONSE
PRODUCTION DISTRIBUTION
Figure 2.
Figure 3.
SHUNT INPUT OFFSET VOLTAGE
SHUNT INPUT COMMON-MODE REJECTION RATIO
vs TEMPERATURE
vs TEMPERATURE
Figure 4.
Figure 5.
SHUNT INPUT GAIN ERROR
SHUNT INPUT GAIN ERROR
PRODUCTION DISTRIBUTION
vs TEMPERATURE
Figure 6.
Figure 7.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com