Electronic Components Datasheet Search
  English  ▼

X  

INA3221 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA3221 Datasheet HTML 4Page - Texas Instruments INA3221 Datasheet HTML 5Page - Texas Instruments INA3221 Datasheet HTML 6Page - Texas Instruments INA3221 Datasheet HTML 7Page - Texas Instruments INA3221 Datasheet HTML 8Page - Texas Instruments INA3221 Datasheet HTML 9Page - Texas Instruments INA3221 Datasheet HTML 10Page - Texas Instruments INA3221 Datasheet HTML 11Page - Texas Instruments INA3221 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
50
100
150
200
0
2
4
6
8
10
12
14
16
18
20
22
24
26
Common−Mode Input Voltage (V)
G008
Input Offset Voltage (mV)
G009
−16
−12
−8
−4
0
4
8
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
G010
Input Gain Error (%)
G011
0
50
100
150
200
250
300
350
400
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
G012
0
5
10
15
20
25
30
35
40
45
50
0
4
8
12
16
20
24
28
Common−Mode Input Voltage (V)
IB+
IB−
G013
INA3221
SBOS576 – MAY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +3.3 V, VIN+ = 12 V, VSENSE = (VIN+) – (VIN–) = 0 mV, and VBUS = 12 V, unless otherwise noted.
SHUNT INPUT GAIN ERROR
BUS INPUT OFFSET VOLTAGE
vs COMMON-MODE VOLTAGE
PRODUCTION DISTRIBUTION
Figure 8.
Figure 9.
BUS INPUT OFFSET VOLTAGE
BUS INPUT GAIN ERROR
vs TEMPERATURE
PRODUCTION DISTRIBUTION
Figure 10.
Figure 11.
BUS INPUT GAIN ERROR
INPUT BIAS CURRENT
vs TEMPERATURE
vs COMMON-MODE VOLTAGE
Figure 12.
Figure 13.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com