Electronic Components Datasheet Search
  English  ▼

X  

TSU6111ARSVR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TSU6111ARSVR
Description  USB Port SP2T Switch Supports USB & UART
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU6111ARSVR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TSU6111ARSVR Datasheet HTML 12Page - Texas Instruments TSU6111ARSVR Datasheet HTML 13Page - Texas Instruments TSU6111ARSVR Datasheet HTML 14Page - Texas Instruments TSU6111ARSVR Datasheet HTML 15Page - Texas Instruments TSU6111ARSVR Datasheet HTML 16Page - Texas Instruments TSU6111ARSVR Datasheet HTML 17Page - Texas Instruments TSU6111ARSVR Datasheet HTML 18Page - Texas Instruments TSU6111ARSVR Datasheet HTML 19Page - Texas Instruments TSU6111ARSVR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
TSU6111A
SCDS331
– FEBRUARY 2012
www.ti.com
I
2C Register Map(1)(2)(3)
RESET
ADDR
REGISTER
TYPE
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
VALUE
01h
Device ID
R
00001010
Version ID
Vendor ID
02h
Control
R/W
xxx11111
Switch Open
Raw Data
Manual S/W
Wait
INT Mask
03h
Interrupt 1
R
xxxxxx00
Detach
Attach
Reserved_
04h
Interrupt 2
R
xx0xx000
CONNECT
ADC_Change
Charging_A/V
Attach
05h
Interrupt Mask 1
R/W
xxxxxx00
Detach
Attach
Reserved_
06h
Interrupt Mask 2
R/W
xx0xx000
CONNECT
ADC_Change
Charging_A/V
Attach
07h
ADC
R
xxx11111
ADC Value
08h
Timing Set 1
R/W
xxxx0000
Device Wake Up
09h
Timing Set 2
R/W
0000xxxx
Switching Wait
0Ah
Device Type 1
R
00000000
USG OTG
DCP
CDP
UART
USG
Audio Type2
Audio Type1
JIG_UART_
JIG_UART_
Audio
0Bh
Device Type 2
R
00000000
Audio/Video
TTY
PPD
JIG_USB_OFF
JIG_USB_ON
Type3
OFF
ON
0Ch
Button 1
R
00000000
7
6
5
4
3
2
1
Send_End
0Dh
Button 2
R
x0000000
Unknown
Error
12
11
10
9
8
13h
Manual S/W 1
R/W
000000xx
D
– Switching
D+ Switching
14h
Manual S/W 2
R/W
xxxx00xx
BOOT_SW
JIG-ON
15h
Device Type 3
R
xxxxxx00
VBUS
MHL
(1)
Do not use blank register bits.
(2)
Write
“0” to the blank register bits.
(3)
Values read from the blank register bits are not defined and invalid.
16
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): TSU6111A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com