Electronic Components Datasheet Search
  English  ▼

X  

TSU6111ARSVR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TSU6111ARSVR
Description  USB Port SP2T Switch Supports USB & UART
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU6111ARSVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TSU6111ARSVR Datasheet HTML 13Page - Texas Instruments TSU6111ARSVR Datasheet HTML 14Page - Texas Instruments TSU6111ARSVR Datasheet HTML 15Page - Texas Instruments TSU6111ARSVR Datasheet HTML 16Page - Texas Instruments TSU6111ARSVR Datasheet HTML 17Page - Texas Instruments TSU6111ARSVR Datasheet HTML 18Page - Texas Instruments TSU6111ARSVR Datasheet HTML 19Page - Texas Instruments TSU6111ARSVR Datasheet HTML 20Page - Texas Instruments TSU6111ARSVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
TSU6111A
www.ti.com
SCDS331
– FEBRUARY 2012
Slave Address
DESCRIPTION
SIZE
NAME
(BITS)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Slave address
8
0
1
0
0
1
0
1
R/W
Device ID
Address: 01h
Reset Value: 00010010
Type: Read
BIT NO.
NAME
SIZE (BITS)
DESCRIPTION
2-0
Vendor ID
3
A unique number for vendor 010 for Texas Instruments
7-3
Version ID
5
A unique number for chip version 00001b for TSU6111A
Control
Address: 02h
Reset Value: xxx11111
Type: Read/Write
BIT NO.
NAME
SIZE (BITS)
DESCRIPTION
0
INT Mask
1
0: Unmask interrupt
1: Mask interrupt
1
Wait
1
0: Wait until host re-sets this bit(WAIT bit) high
1: Wait until Switching timer is expired
2
Manual S/W
1
0: Manual Switching
1: Automatic Switching
3
RAW Data
1
0: Report the status changes on ID to Host
1: Don't report the status changes on ID
4
Switch Open
1
0: Open all Switches
1: Automatic Switching by accessory status
7-5
Reserved
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TSU6111A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com