Electronic Components Datasheet Search
  English  ▼

X  

TSU6111ARSVR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TSU6111ARSVR
Description  USB Port SP2T Switch Supports USB & UART
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU6111ARSVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TSU6111ARSVR Datasheet HTML 18Page - Texas Instruments TSU6111ARSVR Datasheet HTML 19Page - Texas Instruments TSU6111ARSVR Datasheet HTML 20Page - Texas Instruments TSU6111ARSVR Datasheet HTML 21Page - Texas Instruments TSU6111ARSVR Datasheet HTML 22Page - Texas Instruments TSU6111ARSVR Datasheet HTML 23Page - Texas Instruments TSU6111ARSVR Datasheet HTML 24Page - Texas Instruments TSU6111ARSVR Datasheet HTML 25Page - Texas Instruments TSU6111ARSVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
TSU6111A
SCDS331
– FEBRUARY 2012
www.ti.com
Button 1
Address: 0Ch
Reset Value: 00000000
Type: Read and Clear
BIT NO.
NAME
SIZE (BITS)
DESCRIPTION
0
Send_End
1
Send_End key is pressed
1
1
1
Number 1 key is pressed
2
2
1
Number 2 key is pressed
3
3
1
Number 3 key is pressed
4
4
1
Number 4 key is pressed
5
5
1
Number 5 key is pressed
6
6
1
Number 6 key is pressed
7
7
1
Number 7 key is pressed
Button 2
Address: 0Dh
Reset Value:x0000000
Type: Read and Clear
BIT NO.
NAME
SIZE (BITS)
DESCRIPTION
0
8
1
Number 8 key is pressed
1
9
1
Number 9 key is pressed
2
10
1
Number 10 key is pressed
3
11
1
Number 11 key is pressed
4
12
1
Number 12 key is pressed
5
Error
1
Error key is pressed
6
Unknown
1
Unknown key is pressed
7
Unused
22
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): TSU6111A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com