Electronic Components Datasheet Search
  English  ▼

X  

TSU6111ARSVR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TSU6111ARSVR
Description  USB Port SP2T Switch Supports USB & UART
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU6111ARSVR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TSU6111ARSVR Datasheet HTML 19Page - Texas Instruments TSU6111ARSVR Datasheet HTML 20Page - Texas Instruments TSU6111ARSVR Datasheet HTML 21Page - Texas Instruments TSU6111ARSVR Datasheet HTML 22Page - Texas Instruments TSU6111ARSVR Datasheet HTML 23Page - Texas Instruments TSU6111ARSVR Datasheet HTML 24Page - Texas Instruments TSU6111ARSVR Datasheet HTML 25Page - Texas Instruments TSU6111ARSVR Datasheet HTML 26Page - Texas Instruments TSU6111ARSVR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
TSU6111A
www.ti.com
SCDS331
– FEBRUARY 2012
Manual S/W 1
Address: 13h
Reset Value: 000000xx
Type: Read/Write
BIT NO.
NAME
SIZE (BITS)
DESCRIPTION
1-0
Unused
2
4-2
D+ Switching
3
000: Open all switch
001: D+ is connected to D+ of USB port
010: Open all switch
011: D+ is connected to RxD of UART
7-5
D
– Switching
3
000: Open all switch
001: D
– is connected to D– of USB port
010: Open all switch
011: D
– is connected to TxD of UART
Manual S/W 2
Address: 14h
Reset Value: xxxx00xx
Type: Read/Write
BIT NO.
NAME
SIZE (BITS)
DESCRIPTION
1-0
Unused
2
2
JIG
1
TSU6111A:
0: High Impedance
1: GND
3
BOOT
1
0: Low
1: High
7-4
Unused
4
Device Type 3
Address: 15h
Reset Value: xxxxxx00
Type: Read
BIT NO.
NAME
SIZE (BITS)
DESCRIPTION
0
MHL
2
MHL device
1
VBUS
1
VBUS valid
7-1
Unused
7
Unused
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TSU6111A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com