Electronic Components Datasheet Search
  English  ▼

X  

TSU6111ARSVR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TSU6111ARSVR
Description  USB Port SP2T Switch Supports USB & UART
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU6111ARSVR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TSU6111ARSVR Datasheet HTML 15Page - Texas Instruments TSU6111ARSVR Datasheet HTML 16Page - Texas Instruments TSU6111ARSVR Datasheet HTML 17Page - Texas Instruments TSU6111ARSVR Datasheet HTML 18Page - Texas Instruments TSU6111ARSVR Datasheet HTML 19Page - Texas Instruments TSU6111ARSVR Datasheet HTML 20Page - Texas Instruments TSU6111ARSVR Datasheet HTML 21Page - Texas Instruments TSU6111ARSVR Datasheet HTML 22Page - Texas Instruments TSU6111ARSVR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
TSU6111A
www.ti.com
SCDS331
– FEBRUARY 2012
Interrupt Mask 1
Address: 05h
Reset Value:xxxxxx00
Type: Read/Write
BIT NO.
NAME
SIZE (BITS)
DESCRIPTION
0
Attach
1
0: Unmask Attach Interrupt
1: Mask Attach Interrupt
1
Detach
1
0: Unmask Key press Interrupt
1: Mask Detach Interrupt
7-2
Unused
6
Unused
Interrupt Mask 2
Address: 06h
Reset Value:xx0xx000
Type: Read/Write
BIT NO.
NAME
SIZE (BITS)
DESCRIPTION
0
Charging_A/V
1
0: Unmask A/V_Charging Interrupt
1: Mask A/V_Charging Interrupt
1
Reserved_Attach
1
0: Unmask Reserved_Attach Interrupt
1: Mask Reserved_Attach Interrupt
2
ADC_Change
1
0: Unmask ADC_Change Interrupt
1: Mask ADC_Change Interrrupt
4-3
Unused
2
5
Connect
1
0: Unmask Connect Interrupt
1: Mask Connect Interrupt
7-6
Unused
2
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TSU6111A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com