Electronic Components Datasheet Search
  English  ▼

X  

ELM409 Datasheet(PDF) 3 Page - ELM Electronics

Part # ELM409
Description  Versatile Debounce Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM409 Datasheet(HTML) 3 Page - ELM Electronics

  ELM409 Datasheet HTML 1Page - ELM Electronics ELM409 Datasheet HTML 2Page - ELM Electronics ELM409 Datasheet HTML 3Page - ELM Electronics ELM409 Datasheet HTML 4Page - ELM Electronics ELM409 Datasheet HTML 5Page - ELM Electronics ELM409 Datasheet HTML 6Page - ELM Electronics ELM409 Datasheet HTML 7Page - ELM Electronics ELM409 Datasheet HTML 8Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
ELM409
Electrical Characteristics
Absolute Maximum Ratings
Storage Temperature....................... -65°C to +150°C
Ambient Temperature with
Power Applied....................................-40°C to +85°C
Voltage on VDD with respect to VSS............ 0 to +7.5V
Voltage on any other pin with
respect to VSS........................... -0.6V to (VDD + 0.6V)
Note:
Stresses beyond those listed here will likely damage
the device. These values are given as a design
guideline only. The ability to operate to these levels
is neither inferred nor recommended.
3 of 8
All values are for operation at 25°C and a 5V supply, unless otherwise noted. For further information, refer to note 1 below.
Characteristic
Minimum
Typical
Maximum
Conditions
Units
Supply Voltage, VDD
3.0
5.0
5.5
V
VDD rate of rise
0.05
V/ms
Average Supply Current, IDD
1.0
2.4
mA
see note 3
Notes:
1. This integrated circuit is produced using one of the Microchip Technology Inc.’s PIC12C5XX products as the
core embedded microcontroller. For further device specifications, and possibly clarification of those given,
please refer to the appropriate Microchip documentation.
2. This spec must be met in order to ensure that a correct power on reset occurs. It is quite easily achieved
using most common types of supplies, but may be violated if one uses a slowly varying supply voltage, as
may be obtained through direct connection to solar cells, or some charge pump circuits.
3. Device only. Does not include any current supplied to external circuits.
4. The ELM409 uses an internal RC oscillator for the timing. This oscillator typically maintains an accuracy of
2% over the allowed temperature and voltage range.
Long debounce time
500
Output pulse width
msec
50
Output low voltage
V
Output high voltage
V
Current (sink) = 10 mA
Current (source) = 10 mA
see note 2
ELM409DSA
Standard debounce time
25
Input (pin 5)
Schmitt trigger
thresholds
rising
V
V
V
V
VDD = 5.0V
VDD = 3.0V
falling
rising
falling
Input (pin 5)
Schmitt trigger
thresholds
msec
msec
see note 4
see note 4
see note 4
0.3
4.2
1.6
1.0
2.9
1.5
4.0
1.0
0.6
2.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com