Electronic Components Datasheet Search
  English  ▼

X  

ELM409 Datasheet(PDF) 7 Page - ELM Electronics

Part # ELM409
Description  Versatile Debounce Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM409 Datasheet(HTML) 7 Page - ELM Electronics

  ELM409 Datasheet HTML 1Page - ELM Electronics ELM409 Datasheet HTML 2Page - ELM Electronics ELM409 Datasheet HTML 3Page - ELM Electronics ELM409 Datasheet HTML 4Page - ELM Electronics ELM409 Datasheet HTML 5Page - ELM Electronics ELM409 Datasheet HTML 6Page - ELM Electronics ELM409 Datasheet HTML 7Page - ELM Electronics ELM409 Datasheet HTML 8Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Example Applications
7 of 8
This section shows several different ways to use
the ELM409. The first example (Figure 6) is actually a
variation of the circuit shown in Figure 4.
Figure 6 adds two components that should always
be considered in every ELM409 design. The first is a
supply bypass capacitor. Digital circuits will often have
transients (‘spikes’) in their current flow due to the
internal switching process. By adding a capacitor very
close to the IC, much of the current for these spikes
can be supplied by the capacitor rather than through
the (inductive) leads from the supply. The net result is
that there will be less noise generated at the supply
by the ELM409. A value of 0.01µF works well.
The other component that was added in Figure 6
is a series resistor at the input (pin 5). This resistor is
recommended when the electrical contact or switch is
any more than a few feet away from the ELM409 IC.
Placing the resistor in series with the input serves to
limit induced currents that might otherwise damage the
ELM409. A minimum value of a few hundred ohms is
recommended, and a larger value (such as the 4.7K
Ω
shown), is preferred.
The next example (shown in Figure 7) has the
pushbutton connected between circuit common and
the input, rather than from the positive supply. An
arrow is shown at the output, symbolizing the output
signal, which is then connected as appropriate.
The one difference with this circuit is that the input
voltage will go from a high level to a low level when the
switch is pressed. To accommodate this, the options
pins have been set to 110, providing a toggle function
that changes state on each high to low transition. The
circuit will provide alternating high and low outputs
which change state each time the switch is pressed.
If the options pins had been set to 000 (ie all tied
low), the circuit would provide an output that follows
the switch presses, but might seem inverted. That is,
pin 7 would normally be at a high level, and would go
to a low level when the switch is pressed. If an output
that is normally low and goes high when the switch is
pressed is required, simply use pin 6 for the output
rather than pin 7.
This section concludes on page 8, with three more
example circuits and a short description of each.
ELM409
ELM409DSA
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Figure 6. Debouncing the pushbutton revisited
0.01µF
4.7K
Ω
Digital
Circuit
1
2
3
4
8
7
6
5
409
Figure 7. Toggle circuit with the pushbutton to common
0.01µF
4.7K
Ω
1
2
3
4
8
7
6
5
409



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com