Electronic Components Datasheet Search
  English  ▼

X  

ELM409 Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM409
Description  Versatile Debounce Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM409 Datasheet(HTML) 1 Page - ELM Electronics

  ELM409 Datasheet HTML 1Page - ELM Electronics ELM409 Datasheet HTML 2Page - ELM Electronics ELM409 Datasheet HTML 3Page - ELM Electronics ELM409 Datasheet HTML 4Page - ELM Electronics ELM409 Datasheet HTML 5Page - ELM Electronics ELM409 Datasheet HTML 6Page - ELM Electronics ELM409 Datasheet HTML 7Page - ELM Electronics ELM409 Datasheet HTML 8Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Connection Diagram
PDIP and SOIC
(top view)
VDD
VSS
1
2
3
4
8
7
6
5
Versatile Debounce Circuit
The ELM409 is digital filter circuit that is used to
interface mechanical contacts to electronic circuits.
All mechanical contacts, whether from switches,
relays, etc. will have inherent ‘bounce’ when they
make or break a connection. When that contact is
used for the electrical input to a digital circuit, the
bounces can easily be incorrectly interpreted as
multiple inputs. The ELM409 contains all of the logic
that is typically required to remove the bounce from
such signals, and provide a signal that has only one
transition.
In addition to providing the standard debounce
function, the ELM409 may also be configured for
other useful functions such as generating pulses or
alternating output levels on signal transitions.
No external components are needed for the
operation of the ELM409, as all timing and logic
functions are performed internally.
• Standard and extra long debounce times
• Schmitt input provides hysteresis
• Complementary circuit outputs
• Needs no external timing components
• Low power CMOS design - typically 1 mA at 5V
• Wide supply range - 3.0 to 5.5 volt operation
• High current drive outputs
• Pushbutton interface for logic circuits
• Limit switch monitoring
• Time delay generation
• Power on sequencing
In
Out
A
Description
Applications
Block Diagram
1 of 8
Features
ELM409DSA
B
C
ELM409
Out
6
7
5
In
Out
500 msec
debounce
2
3
4
C
A
B
Control Logic
Out
25 msec
debounce
edge
detectors
edge
detectors
pulse
generator
toggle
circuit


Similar Part No. - ELM409

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM401 ELM-ELM401 Datasheet
51Kb / 8P
Rotary Encoder Debounce Circuit
ELM401P ELM-ELM401P Datasheet
51Kb / 8P
Rotary Encoder Debounce Circuit
ELM401SM ELM-ELM401SM Datasheet
51Kb / 8P
Rotary Encoder Debounce Circuit
ELM402 ELM-ELM402 Datasheet
59Kb / 9P
Rotary Decoder - 2 wire 2x Interface
ELM402P ELM-ELM402P Datasheet
59Kb / 9P
Rotary Decoder - 2 wire 2x Interface
More results

Similar Description - ELM409

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
Versatile telephone transmission circuit with dialler interface
March 1994
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1118 PHILIPS-TEA1118 Datasheet
188Kb / 24P
Versatile cordless transmisssion circuit
1997 Jul 14
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
Versatile Telephone Transmission Circuit with Dialler Interface
logo
ELM Electronics
ELM410 ELM-ELM410 Datasheet
28Kb / 4P
Triple Debounce Circuit
ELM411 ELM-ELM411 Datasheet
28Kb / 4P
Debounce Circuit with Latch
ELM401 ELM-ELM401 Datasheet
51Kb / 8P
Rotary Encoder Debounce Circuit
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_15 Datasheet
275Kb / 9P
LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT
logo
ON Semiconductor
MC33283 ONSEMI-MC33283 Datasheet
467Kb / 21P
Versatile 6 Regulator Power Management Circuit
July, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com