Electronic Components Datasheet Search
  English  ▼

X  

ELM409 Datasheet(PDF) 5 Page - ELM Electronics

Part # ELM409
Description  Versatile Debounce Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM409 Datasheet(HTML) 5 Page - ELM Electronics

  ELM409 Datasheet HTML 1Page - ELM Electronics ELM409 Datasheet HTML 2Page - ELM Electronics ELM409 Datasheet HTML 3Page - ELM Electronics ELM409 Datasheet HTML 4Page - ELM Electronics ELM409 Datasheet HTML 5Page - ELM Electronics ELM409 Datasheet HTML 6Page - ELM Electronics ELM409 Datasheet HTML 7Page - ELM Electronics ELM409 Datasheet HTML 8Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5 of 8
The circuit of Figure 4 shows how the ELM409
would typically be connected to debounce the signal of
Figure 1. Other than powering the ELM409, all that is
needed is to connect the options pins (A, B and C) to
VSS (providing low levels on all three), connect the
noisy switch signal to the input pin, and then connect
the ELM409 output pin to the digital circuit.
The output of the ELM409 in Figure 4 would
appear as shown in the ‘scope traces of Figures 2 and
3 (the lower traces). There is a slight delay (25 msec)
due to the debounce period, but otherwise, the signal
appears as you would expect from an ‘ideal’ switch.
The ELM409 is capable of performing several
other functions on the input signal - it can do more that
just debounce the signal. For example, it can provide
a change in output on the signal edges (transitions
from a low to a high level, or from a high to a low
level), and it can alternate (toggle) the output on each
occurrence of an edge. Each of these possibilities are
selected by changing the logic levels at the A, B and C
pins. The eight combinations are described in Table 1
below, and also appear pictorially on the next page.
ELM409
ELM409DSA
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Figure 4. Debouncing the pushbutton
ELM409 Operation
Digital
Circuit
1
2
3
4
8
7
6
5
409
A
B
C
Debounce Period
Function
Notes
Follows
Input
Pulse on
Rising Edge
Pulse on
Falling Edge
Toggle
on Edge
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
25 msec
25 msec
25 msec
25 msec
25 msec
500 msec
500 msec
500 msec
Standard contact debounce
For very noisy circuits
Output pulse is 50 msec wide
Changes on input H -> L
Changes on input L -> H
Output pulse is 50 msec wide
Output pulse is 50 msec wide
Output pulse is 50 msec wide
Table 1. ELM409 options



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com