| Electronic Components Datasheet Search |
|
ELM409 Datasheet(PDF) 8 Page - ELM Electronics |
|
|
|||||||||||||||||||||||||||||
ELM409 Datasheet(HTML) 8 Page - ELM Electronics |
|
8 / 8 page ![]() Example Applications (continued) 8 of 8 ELM409 ELM409DSA Elm Electronics – Circuits for the Hobbyist < http://www.elmelectronics.com/ > 1 2 3 4 8 7 6 5 409 The following are a a few circuits that use the ELM409, but may not be what comes to mind when you think of debouncing. They take advantage of the internal timers in the ELM409 as well as the ability to change options while the circuit is operational, to provide some interesting functions. The first (Figure 8) is a circuit that simply connects the debounce input to the positive supply. With the debounce period set for 500 msec, the output will initially be low, then go high 500 msec after the power is turned on. This delay may be useful if trying to sequence the power to different circuits, or enable the outputs (audio power amplifiers often need this delay to allow the supplies to settle before connecting the amplifier outputs to the speakers). Figure 9 shows a circuit that provides a single 50 msec wide pulse at the output, 25 msec after power has been applied. It relies on the fact that the ELM409’s pin 7 output is always at a low level on power up (and pin 6 is always high), so the initial options setting will then be 010, for a 50 msec pulse after a 25 msec debounce period. Once the output pulse begins, however, the connection from pin 7 to pin 4 causes the options to change to 011, giving a debounce period of 500 msec (which can never be met by a 50 msec pulse). The output remains low from that time on. This circuit works because the option pins are always read just before a 25 msec debounce period is about to expire (allowing for changes ‘on the fly’). In this case, the pulse output is at its midpoint when the pins are read, so the new latched setting becomes 011, and the debounce period changes to 500 msec. As the pulse never lasts that long, it is ignored by the 500 msec debounce circuit, and the output never changes again. The final circuit also uses the output to modify the input, and the debounce period. The result is a series of 25 msec pulses with 500 msec gaps in between, that continually repeat. Low frequency oscillators such as this may be useful on the test bench, or it may simply be used to drive an LED in order to attract attention. These are just a few of the many applications possible with the ELM409… Enjoy! 1 2 3 4 8 7 6 5 409 1 2 3 4 8 7 6 5 409 Figure 8. Power on delay Figure 9. Power on pulse Figure 10. Low frequency oscillator |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |