Electronic Components Datasheet Search
  English  ▼

X  

LTC4160 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4160
Description  Dual-Input Power Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4160 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4160 Datasheet HTML 18Page - Linear Technology LTC4160 Datasheet HTML 19Page - Linear Technology LTC4160 Datasheet HTML 20Page - Linear Technology LTC4160 Datasheet HTML 21Page - Linear Technology LTC4160 Datasheet HTML 22Page - Linear Technology LTC4160 Datasheet HTML 23Page - Linear Technology LTC4160 Datasheet HTML 24Page - Linear Technology LTC4160 Datasheet HTML 25Page - Linear Technology LTC4160 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
LTC4155
22
4155fc
WALLSNS pins. The voltage threshold values previously
listed and specified in the Electrical Characteristics table
are valid when each input is connected to its respective
sense pin through a 3.6k resistor.
The status of the USB and WALL inputs is monitored
continuously and reported by I2C, with the option of
generating several interrupts. When all three conditions
previously listed are true, the LTC4155 will report the input
valid by asserting USBSNSGD or WALLSNSGD in the I2C
port. Optionally, if external power interrupts are enabled,
an interrupt request will be generated.
When power is applied simultaneously to both inputs,
the LTC4155 will draw power from the WALL input by
default. If the I2C PRIORITY bit is asserted, the LTC4155
will instead draw power from the USB input when both
inputs are present. The USB On-The-Go step-up regulator
delivers power only to the USB input, and the PRIOR-
ITY bit is ignored in this mode. The input current limits
USBILIM[4:0] and WALLILIM[4:0] also reset to 100mA
default mode under different criteria. In all other respects,
the two inputs are identical.
An optional capacitor may be placed between the OVGCAP
pin and GND to minimize input current disruption when
switching from one input to the other while operating at
high power levels. The capacitor must be rated to withstand
at least 13V and should be approximately ten times larger
than the total gate capacitance of the series NMOS power
transistors. Capacitance on this pin can also be used to
slow the gate charging if the application requires controlled
inrush current to any additional input capacitance on the
VBUS pin. If fast switching between input or inrush control
is not necessary, OVGCAP may be left unconnected.
If overvoltage protection is not necessary in the application,
connect USBSNS to VBUS with a 3.6k resistor, as shown
in Figure 3. If the USB On-The-Go step-up regulator is
not used in the application, it is also possible to connect
WALLSNS to VBUS through 3.6k and leave USBSNS open.
100mA Linear Battery Charger Mode
The LTC4155 features a mode to support USB low power
operation. Total input current to the LTC4155 is guaranteed
to remain below 100mA in this mode when the recom-
mended resistor is used on the CLPROG2 pin. The step-
down switching regulator does not operate in this mode.
Instead, a linear regulator provides power from VBUS to
VOUT and the battery. The linear battery charger follows
the same constant-current/constant-voltage algorithm as
the switching regulator, but regulates input current rather
than battery charge current. The voltage on the CLPROG2
pin represents the input current in this mode, using the
expression:
IVBUS =
VCLPROG2
RCLPROG2
•80
()
Battery charge current is represented by the voltage on
the PROG pin, but it is not regulated in this mode.
ICHARGE =
VPROG
RPROG
• 1000
()
VOUTwillgenerallybeveryclosetothebatteryvoltagewhen
the battery charger is enabled, except when the battery
voltage is very low, the LTC4155 will increase the imped-
ance between VOUT and BATSNS to facilitate instant-on
operation. If the system load plus battery charge current
exceeds the available input current, battery charge current
will be sacrificed to give priority to the load. If the system
load alone exceeds the available input current, VOUT must
fall to the battery voltage so that the battery may provide
the supplemental current.
The battery will charge to the float voltage specified by
the I2C setting VFLOAT[1:0]. See Table 12.
When the battery charger is disabled or terminated, VOUT
will be regulated to 4.35V.
OPERATION
VBUS
TO POWER
INPUT
OVGCAP
USBGT
USBSNS
WALLGT
LTC4155
WALLSNS
4155 F03
R1
Figure 3. No Overvoltage Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com