Electronic Components Datasheet Search
  English  ▼

X  

LTC4160 Datasheet(PDF) 38 Page - Linear Technology

Part # LTC4160
Description  Dual-Input Power Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4160 Datasheet(HTML) 38 Page - Linear Technology

Back Button LTC4160 Datasheet HTML 34Page - Linear Technology LTC4160 Datasheet HTML 35Page - Linear Technology LTC4160 Datasheet HTML 36Page - Linear Technology LTC4160 Datasheet HTML 37Page - Linear Technology LTC4160 Datasheet HTML 38Page - Linear Technology LTC4160 Datasheet HTML 39Page - Linear Technology LTC4160 Datasheet HTML 40Page - Linear Technology LTC4160 Datasheet HTML 41Page - Linear Technology LTC4160 Datasheet HTML 42Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
LTC4155
38
4155fc
Table 23. Input Undervoltage Current Limit (Brownout) Status
INPUT UNDERVOLTAGE CURRENT LIMIT
(BROWNOUT) STATUS
REG4
SUB ADDRESS
0x04
INPUT_UVCL_ACTIVE
DIRECTION
Read
INPUT UNDERVOLTAGE
CURRENT LIMIT STATUS
D7
D6
D5
D4
D3
D2
D1
D0
Input UVCL Inactive
0
Input UVCL Active
1
Table 24. Overvoltage Protection Fault
OVERVOLTAGE PROTECTION FAULT
REG4
SUB ADDRESS
0x04
OVP_ACTIVE
DIRECTION
Read
INPUT OVERVOLTAGE
D7
D6
D5
D4
D3
D2
D1
D0
No Fault
0
Input (USB or WALL)
Overvoltage
1
Table 25. USB On-The-Go Step-Up Regulator Fault Shutdown
USB On-The-Go STEP-UP REGULATOR FAULT SHUTDOWN
REG4
SUB ADDRESS
0x04
OTG_FAULT
DIRECTION
Read
STEP-UP
REGULATOR STATUS
D7
D6
D5
D4
D3
D2
D1
D0
No Fault
0
Regulator Over
Current Shutdown
1
Table 26. Battery Unresponsive to Charging
BATTERY UNRESPONSIVE TO CHARGING
REG4
SUB ADDRESS
0x04
BAD_CELL
DIRECTION
Read
BATTERY STATUS
D7
D6
D5
D4
D3
D2
D1
D0
No Fault
0
Low Cell Voltage
Timeout
1
Table 27. NTC Analog-to-Digital Converter Result
NTC ANALOG-TO-DIGITAL CONVERTER RESULT
REG5
SUB ADDRESS
0x05
NTCVAL[6:0]
DIRECTION
Read
NTC CONVERSION
RESULT
D7
D6
D5
D4
D3
D2
D1
D0
NTCVAL[6:0]*
ddddddd
See NTC Thermistor Monitor in Operation section to convert ADC result
to temperature.
Table 28. NTC Temperature Out of Range for Battery Charging
NTC TEMPERATURE OUT OF RANGE FOR
BATTERY CHARGING
REG5
SUB ADDRESS
0x05
NTC_WARNING
DIRECTION
Read
NTC TEMP RANGE
D7
D6
D5
D4
D3
D2
D1
D0
Temperature Normal
0
Too Warm or Too
Cold to Charge
1
Table 29. Battery Charger Interrupt Mask
BATTERY CHARGER INTERRUPT MASK
REG6
SUB ADDRESS
0x06
ENABLE_CHARGER_INT
DIRECTION
Write and Readback
INTERRUPT
ENABLE STATUS
D7
D6
D5
D4
D3
D2
D1
D0
Charger Interrupts
Disabled*
0
Charger Interrupts
Enabled
1
*Default.
Interrupt triggered by any change in CHARGER_STATUS[2:0].Any data
written to sub address 0x06 has side effect of clearing any pending
interrupt request.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com