Electronic Components Datasheet Search
  English  ▼

X  

LTC4160 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC4160
Description  Dual-Input Power Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4160 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC4160 Datasheet HTML 22Page - Linear Technology LTC4160 Datasheet HTML 23Page - Linear Technology LTC4160 Datasheet HTML 24Page - Linear Technology LTC4160 Datasheet HTML 25Page - Linear Technology LTC4160 Datasheet HTML 26Page - Linear Technology LTC4160 Datasheet HTML 27Page - Linear Technology LTC4160 Datasheet HTML 28Page - Linear Technology LTC4160 Datasheet HTML 29Page - Linear Technology LTC4160 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
LTC4155
26
4155fc
subsequent bus read operations. The sub address pointer
register is equivalent to the command code byte within
the SMBus write byte and read byte protocols explained
in detail under the SMBus Protocol Compatibility section.
Bus Write Operation
The bus master initiates communication with the LTC4155
with a START condition and the LTC4155’s write address.
If the address matches that of the LTC4155, the LTC4155
returns an acknowledge. The bus master should then deliver
the sub address. The sub address value is transferred to a
special pointer register within the LTC4155 upon the return
of the sub address acknowledge bit by the LTC4155. If the
master wishes to continue the write transaction, it may
then deliver the data byte. The data byte is transferred
to an internal pending data register at the location of the
sub address pointer when the LTC4155 acknowledges the
data byte. The LTC4155 is then ready to receive a new sub
address, optionally repeating the [SUB ADDRESS][DATA]
cycle indefinitely. After the write address, the odd position
bytes always represent a sub address pointer assignment
and the even position bytes always represent data to
be stored at the location referenced by the sub address
pointer. The master may terminate communication with
the LTC4155 after any even or odd number of bytes with
either a repeat START or a STOP condition. If a repeat
START condition is initiated by the master, the LTC4155,
or any other chip on the I2C bus, can then be addressed.
The LTC4155 will remember, but not act on, the last input
of valid data that it received at each sub address location.
This cycle can also continue indefinitely. Once all chips
on the bus have been addressed and sent valid data, a
global STOP can be sent and the LTC4155 will immediately
update all of its command registers with the most recent
pending data that it had previously received. This delayed
execution behavior is compliant with the PMBus group
command protocol.
Bus Read Operation
The LTC4155 contains seven readable registers. Three
are read only and contain status information. Four contain
control information which may be both written and read
back by the bus master.
Only one of the seven sub addressed data registers is ac-
cessible during each bus read operation. The data returned
by the LTC4155 is from the data register pointed to by the
contents of the sub address pointer register. The pointer
register contents are determined by the most recent previ-
ous bus write operation.
In preparation for a bus read operation, it may be ad-
vantageous for a bus master to prematurely terminate a
write transaction with a STOP or repeat START condition
after transmitting only an odd number of bytes. The last
transmitted byte then represents a pointer to the register
of interest for the subsequent bus read operation.
The bus master reads status data from the LTC4155
with a START or repeat START condition followed by the
LTC4155 read address. If the read address matches that
of the LTC4155, the LTC4155 returns an acknowledge.
Following the acknowledgement of its read address, the
LTC4155 returns one bit of status information for each of
the next eight clock cycles from the register selected by
the sub address pointer. Additional clock cycles from the
master after the single data byte has been read will leave
the SDA line high (0xFF transmitted). The LTC4155 will
never acknowledge any bytes during a bus read operation
with the exception of its read address.
To read the same register again, the transaction may be
repeated starting with a START followed by the LTC4155
read address. It is not necessary to rewrite the sub address
pointer register if the sub address has not changed. To read
a different register, a write transaction must be initiated
with a START or repeat START followed by the LTC4155
write address and sub address pointer byte before the
read transaction may be repeated.
When the contents of the sub address pointer register
point to a writeable command register, the data returned
in a bus read operation is the pending command data at
that location if it had been modified since the last STOP
condition. After a STOP condition, all pending data is
copied to the command registers for immediate effect. The
contents of several writeable registers within the LTC4155
are modified upon removal of input power without an I2C
transaction. USBILIM[4:0] and WALLILIM[4:0] default
to either 100mA mode (0x00) or CLPROG1 mode (0x1F)
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com