Electronic Components Datasheet Search
  English  ▼

X  

LTC4160 Datasheet(PDF) 42 Page - Linear Technology

Part # LTC4160
Description  Dual-Input Power Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4160 Datasheet(HTML) 42 Page - Linear Technology

Back Button LTC4160 Datasheet HTML 38Page - Linear Technology LTC4160 Datasheet HTML 39Page - Linear Technology LTC4160 Datasheet HTML 40Page - Linear Technology LTC4160 Datasheet HTML 41Page - Linear Technology LTC4160 Datasheet HTML 42Page - Linear Technology LTC4160 Datasheet HTML 43Page - Linear Technology LTC4160 Datasheet HTML 44Page - Linear Technology LTC4160 Datasheet HTML 45Page - Linear Technology LTC4160 Datasheet HTML 46Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
LTC4155
42
4155fc
APPLICATIONS INFORMATION
substitute into the appropriate following equation to cal-
culate the value αBIAS and then RBIAS.
αBIAS = 0.34917 • αTOO_COLD
αBIAS = 1.73735 • αTOO_WARM
αBIAS = 3.35249 • αHOT_FAULT
RBIAS = αBIAS • r25
With αBIAS for the newly programmed temperature
threshold now determined, the other two dependent tem-
perature thresholds may be found by substituting αBIAS
into the remaining two equations. The following equation
may be used to convert any other NTC ADC result (NTCVAL)
back to a resistance ratio by substituting the κSPAN and
κOFFSET values found in the Electrical Characteristics table.
αT = κSPAN
• NTCVAL
+κOFFSET
1
−κSPAN • NTCVAL – κOFFSET
⎡
⎣
⎢
⎤
⎦
⎥αBIAS
αT may then be used to determine the temperature using
either the lookup table provided by the thermistor manu-
facturer or the curve fit model:
T
=
β
ln (
αT)+ β
T0
Advanced Alternate Thermistor Bias Network
If an adjustment to RBIAS does not yield an acceptable span
between temperature thresholds, a second low drift bias
resistor may be added to the bias network between the
NTC pin and the top of the thermistor. This resistor has
the net effect of diluting the high thermal sensitivity of the
thermistor with low drift resistance. The result is reduced
thermal gain and a wider temperature span between the
preprogrammed voltage thresholds of the LTC4155. Using
this additional resistor, two of the three temperature
comparator thresholds may be adjusted. The remaining
threshold is constrained by the limited degrees of freedom
of the bias network. After determining the αT values for
the two temperature thresholds of interest, the following
equations may be used to determine αBIAS, αTEMP_RANGE,
and the third constrained temperature threshold dependent
on the choice of bias network and the thermistor.
To specify TTOO_COLD and TTOO_WARM, then calculate
THOT_FAULT:
αTEMP_RANGE = 0.25153 • αTOO_COLD – 1.25153
• αTOO_WARM
RTEMP_RANGE = αTEMP_RANGE • r25
αBIAS = 0.43699 • (αTOO_COLD – αTOO_WARM)
RBIAS = αBIAS • r25
With the bias network determined, the overconstrained
threshold may then be calculated:
αHOT_FAULT = 0.29829 • αBIAS – αTEMP_RANGE
To specify TTOO_COLD and THOT_FAULT, then calculate
TTOO_WARM:
αTEMP_RANGE = 0.11626 • αTOO_COLD – 1.11626
• αHOT_FAULT
RTEMP_RANGE = αTEMP_RANGE • r25
αBIAS = 0.38976 • (αTOO_COLD – αHOT_FAULT)
RBIAS = αBIAS • r25
With the bias network determined, the overconstrained
threshold may then be calculated:
αTOO_WARM = 0.57559 • αBIAS – αTEMP_RANGE
To specify TTOO_WARM and THOT_FAULT, then calculate
TTOO_COLD:
αTEMP_RANGE = 1.07566 • αTOO_WARM – 2.07566
• αHOT_FAULT
RTEMP_RANGE = αTEMP_RANGE • r25
αBIAS = 3.60615 • (αTOO_WARM – αHOT_FAULT)
RBIAS = αBIAS • r25
With the bias network determined, the overconstrained
threshold may then be calculated:
αTOO_COLD = 2.863946 • αBIAS – αTEMP_RANGE
It is possible to obtain a negative result for RTEMP_RANGE
which is not physically realizable using the previous equa-
tions. A negative result indicates that the two chosen tem-
perature thresholds are too close in temperature and require
more thermal sensitivity than the thermistor can provide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com